Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 172 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 168Page - Texas Instruments AM3874 Datasheet HTML 169Page - Texas Instruments AM3874 Datasheet HTML 170Page - Texas Instruments AM3874 Datasheet HTML 171Page - Texas Instruments AM3874 Datasheet HTML 172Page - Texas Instruments AM3874 Datasheet HTML 173Page - Texas Instruments AM3874 Datasheet HTML 174Page - Texas Instruments AM3874 Datasheet HTML 175Page - Texas Instruments AM3874 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
7
Power, Reset, Clocking, and Interrupts
7.1
Power, Reset and Clock Management (PRCM) Module
The PRCM module is the centralized management module for the power, reset, and clock control signals
of the device. The PRCM interfaces with all the components on the device for power, clock, and reset
management
through
power-control
signals.
The
PRCM
module
inTiming
Requirements
for
AUD_CLKINxtegrates enhanced features to allow the device to adapt energy consumption dynamically,
according to changing application and performance requirements. The innovative hardware architecture
allows a substantial reduction in leakage current.
The PRCM module is composed of two main entities:
•
Power reset manager (PRM): Handles the power, reset, wake-up management, and system clock
source control (oscillator)
•
Clock manager (CM): Handles the clock generation, distribution, and management.
For more details on the PRCM, see the Power, Reset, and Clock Management (PRCM) Module chapter of
the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
7.2
Power
7.2.1
Voltage and Power Domains
Every Module within the device belongs to a Core Logic Voltage Domain, Memory Voltage Domain, and a
Power Domain (see Table 7-1).
Table 7-1. Voltage and Power Domains
CORE LOGIC
MEMORY VOLTAGE
POWER
MODULES
VOLTAGE DOMAIN
DOMAIN
DOMAIN
ARM_L
ARM_M
ARM Cortex-A8 Subsystem
DCAN0/1, DMM, EDMA, ELM, DDR0/1, EMAC Switch,
GPIO Banks 0/1/2/3,GPMC, I2C0/1/2/3, IPC,
MCASP0/1/2/3/4/5, MCBSP, OCMC SRAM, PCIE,
ALWAYS ON
CORE_L
CORE_M
PRCM, RTC, SATA, SD/MMC0/1/2, SPI01/2/3,
Timer1/2/3/4/5/6/7/8, UART0/1/2/3/4/5, USB0/1,
WDT0, System Interconnect, JTAG, Media Controller,
ISS
GFX
SGX530
HDVPSS
HDVPSS, HDMI, SD-DAC
7.2.1.1
Core Logic Voltage Domains
The device contains four Core Logic Voltage Domains. These domains define groups of Modules that
share the same supply voltage for their core logic. Each Core Logic Voltage Domain is powered by a
dedicated supply voltage rail. Table 7-2 shows the mapping between the Core Logic Voltage Domains and
their associated supply pins.
172
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com