| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 165 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 165 Page - Texas Instruments |
|
165 / 361 page ![]() AM3874, AM3871 www.ti.com SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 The L4 interconnect is a non-blocking peripheral interconnect that provides low-latency access to a large number of low-bandwidth, physically-dispersed target cores. The L4 can handle incoming traffic from up to four initiators and can distribute those communication requests to and collect related responses from up to 63 targets. The device provides two interfaces with L3 interconnect for high-speed peripheraland standard peripheral. Table 5-2. L4 Peripheral Connectivity(1) MASTERS L4 PERIPHERALS ARM Cortex-A8 EDMA TPTC0 EDMA TPTC1 EDMA TPTC2 EDMA TPTC3 PCIe M2 (64-bit) L4 Fast Peripherals Port 0/1 EMAC SW Port0 Port1 Port0 Port1 Port0 Port1 SATA Port0 Port1 Port0 Port1 Port0 Port1 McASP3 CFG Port0 Port1 Port0 Port1 Port0 Port1 McASP4 CFG Port0 Port1 Port0 Port1 Port0 Port1 McASP5 CFG Port0 Port1 Port0 Port1 Port0 Port1 McASP3 DATA Port0 Port1 Port0 Port1 Port0 Port1 McASP4 DATA Port0 Port1 Port0 Port1 Port0 Port1 McASP5 DATA Port0 Port1 Port0 Port1 Port0 Port1 L4 Slow Peripherals Port 0/1 I2C0 Port0 Port1 Port0 Port1 Port0 Port1 I2C1 Port0 Port1 Port0 Port1 Port0 Port1 I2C2 Port0 Port1 Port0 Port1 Port0 Port1 I2C3 Port0 Port1 Port0 Port1 Port0 Port1 SPI0 Port0 Port1 Port0 Port1 Port0 Port1 SPI1 Port0 Port1 Port0 Port1 Port0 Port1 SPI2 Port0 Port1 Port0 Port1 Port0 Port1 SPI3 Port0 Port1 Port0 Port1 Port0 Port1 UART0 Port0 Port1 Port0 Port1 Port0 Port1 UART1 Port0 Port1 Port0 Port1 Port0 Port1 UART2 Port0 Port1 Port0 Port1 Port0 Port1 UART3 Port0 Port1 Port0 Port1 Port0 Port1 UART4 Port0 Port1 Port0 Port1 Port0 Port1 UART5 Port0 Port1 Port0 Port1 Port0 Port1 Timer1 Port0 Port1 Port0 Port1 Port0 Port1 Timer2 Port0 Port1 Port0 Port1 Port0 Port1 Timer3 Port0 Port1 Port0 Port1 Port0 Port1 Timer4 Port0 Port1 Port0 Port1 Port0 Port1 Timer5 Port0 Port1 Port0 Port1 Port0 Port1 Timer6 Port0 Port1 Port0 Port1 Port0 Port1 Timer7 Port0 Port1 Port0 Port1 Port0 Port1 Timer8 Port0 Port1 Port0 Port1 Port0 Port1 GPIO0 Port0 Port1 Port0 Port1 Port0 Port1 GPIO1 Port0 Port1 Port0 Port1 Port0 Port1 MMC/SD0/SDIO Port0 Port1 Port0 Port1 Port0 Port1 MMC/SD1/SDIO Port0 Port1 Port0 Port1 Port0 Port1 MMC/SD2/SDIO Port0 Port1 Port0 Port1 Port0 Port1 WDT0 Port0 Port1 Port0 Port1 Port0 Port1 RTC Port0 Port1 Port0 Port1 Port0 Port1 (1) X, Port0, Port1 = Connection exists. Copyright © 2011–2013, Texas Instruments Incorporated System Interconnect 165 Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |