Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 241 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 241 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 237Page - Texas Instruments AM3874 Datasheet HTML 238Page - Texas Instruments AM3874 Datasheet HTML 239Page - Texas Instruments AM3874 Datasheet HTML 240Page - Texas Instruments AM3874 Datasheet HTML 241Page - Texas Instruments AM3874 Datasheet HTML 242Page - Texas Instruments AM3874 Datasheet HTML 243Page - Texas Instruments AM3874 Datasheet HTML 244Page - Texas Instruments AM3874 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.8
General-Purpose Memory Controller (GPMC) and Error Location Module (ELM)
The GPMC is a device memory controller used to provide a glueless interface to external memory devices
such as NOR Flash, NAND Flash (with BCH and Hamming Error Code Detection for 8-bit or 16-bit NAND
Flash), SRAM, and Pseudo-SRAM. The GPMC includes flexible asynchronous protocol control for
interface to SRAM-like memories and custom logic (FPGA, CPLD, ASICs, etc.).
Other supported features include:
•
8-/16-bit wide multiplexed address/data bus
•
512 MBytes maximum addressing capability divided among up to eight chip selects
•
Non-multiplexed address/data mode
•
Pre-fetch and write posting engine associated with system DMA to get full performance from NAND
device with minimum impact on NOR/SRAM concurrent access.
The device also contains an Error Locator Module (ELM) which is used to extract error addresses from
syndrome polynomials generated using a BCH algorithm. Each of these polynomials gives a status of the
read operations for a 512 bytes block from a NAND flash and its associated BCH parity bits, plus
optionally spare area information. The ELM has the following features:
•
4-bit, 8-bit and 16-bit per 512byte block error location based on BCH algorithms
•
Eight simultaneous processing contexts
•
Page-based and continuous modes
•
Interrupt generation on error location process completion
–
When the full page has been processed in page mode
–
For each syndrome polynomial in continuous mode
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
241
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com