Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 260 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 260 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 256Page - Texas Instruments AM3874 Datasheet HTML 257Page - Texas Instruments AM3874 Datasheet HTML 258Page - Texas Instruments AM3874 Datasheet HTML 259Page - Texas Instruments AM3874 Datasheet HTML 260Page - Texas Instruments AM3874 Datasheet HTML 261Page - Texas Instruments AM3874 Datasheet HTML 262Page - Texas Instruments AM3874 Datasheet HTML 263Page - Texas Instruments AM3874 Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-40. TMDS Routing Specifications (continued)
PARAMETER
MIN
TYP
MAX
UNIT
TMDS differential pair to any other trace spacing
2*DS(2)
(2)
DS = differential spacing of the HDMI traces.
8.9.1.3
DDC Signals
As shown in Figure 8-37, HDMI Interface High-Level Schematic, the DDC connects just like a standard
I2C bus. As such, resistor pullups must be used to pull up the open drain buffer signals unless they are
integrated into the ESD protection chip used. If used, these pullup resistors should be connected to a 3.3-
V supply.
8.9.1.4
HDMI ESD Protection Device (Required)
Interfaces that connect to a cable such as HDMI generally require more ESD protection than can be built
into the outputs of the processor. Therefore, this HDMI interface requires the use of an ESD protection
chip to provide adequate ESD protection and to translate I2C voltage levels from the 3.3 V supplied by the
device to the 5 volts required by the HDMI specification.
When selecting an ESD protection chip, choose the lowest capacitance ESD protection available to
minimize signal degradation. In no case should the ESD protection circuit capacitance be more than 5 pF.
TI manufactures devices that provide ESD protection for HDMI signals such as the TPD12S521. For more
information see the www.ti.com website.
8.9.1.5
PCB Stackup Specifications
Table 8-41 shows the stackup and feature sizes required for HDMI.
Table 8-41. HDMI PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB routing/plane layers
4
6
-
Layers
Signal routing layers
2
3
-
Layers
Number of ground plane cuts allowed within HDMI routing region
-
-
0
Cuts
Number of layers between HDMI routing region and reference ground plane
-
-
0
Layers
PCB trace width
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
MPU device BGA pad size(1)(2)
0.4
mm
(1)
Non-solder mask defined pad.
(2)
Per IPC-7351A BGA pad size guideline.
8.9.1.6
Grounding
Each TMDS channel has its own shield pin which should be grounded to provide a return current path for
the TMDS signal.
260
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com