Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 263 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 263 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 259Page - Texas Instruments AM3874 Datasheet HTML 260Page - Texas Instruments AM3874 Datasheet HTML 261Page - Texas Instruments AM3874 Datasheet HTML 262Page - Texas Instruments AM3874 Datasheet HTML 263Page - Texas Instruments AM3874 Datasheet HTML 264Page - Texas Instruments AM3874 Datasheet HTML 265Page - Texas Instruments AM3874 Datasheet HTML 266Page - Texas Instruments AM3874 Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 361 page
background image
VIN[x]A_CLK/
VIN[x]B_CLK/
VOUT[x]_CLK
2
1
1
3
7
7
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 8-43. Switching Characteristics Over Recommended Operating Conditions for HDVPSS Output
(see Figure 8-38 and Figure 8-40)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, VOUT[x]_CLK
6.06(1)
ns
2
tw(CLKH)
Pulse duration, VOUT[x]_CLK high (45% of tc)
2.73
ns
3
tw(CLKL)
Pulse duration, VOUT[x]_CLK low (45% of tc)
2.73
ns
7
tt(CLK)
Transition time, VOUT[x]_CLK (10%-90%)
2.64
ns
td(CLK-AVID)
td(CLK-FLD)
Delay time, VOUT[x]_CLK low (falling) to control valid
-1.2
2
ns
td(CLK-VSYNC)
td(CLK-HSYNC)
6
td(CLK-RCR)
td(CLK-GYYC)
Delay time, VOUT[0]_CLK low (falling) to data valid
td(CLK-BCBC)
-1.2
2
ns
td(CLK-YYC)
Delay time, VOUT[1]_CLK low (falling) to data valid
td(CLK-C)
(1)
For maximum frequency of 165 MHz.
Figure 8-38. HDVPSS Clock Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
263
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com