Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 261 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 261 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 257Page - Texas Instruments AM3874 Datasheet HTML 258Page - Texas Instruments AM3874 Datasheet HTML 259Page - Texas Instruments AM3874 Datasheet HTML 260Page - Texas Instruments AM3874 Datasheet HTML 261Page - Texas Instruments AM3874 Datasheet HTML 262Page - Texas Instruments AM3874 Datasheet HTML 263Page - Texas Instruments AM3874 Datasheet HTML 264Page - Texas Instruments AM3874 Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.10 High-Definition Video Processing Subsystem (HDVPSS)
The device High-Definition Video Processing Subsystem (HDVPSS) provides a video input interface for
external imaging peripherals (that is, image sensors, video decoders, and so on) and a video output
interface for display devices, such as analog SDTV displays, digital HDTV displays, digital LCD panels,
and so on. The HDVPSS includes HD and SD video encoders and an HDMI transmitter interface.
The device HDVPSS features include:
•
Two display processing pipelines with de-interlacing, scaling, alpha blending, chroma keying, color
space conversion, flicker filtering, and pixel format conversion.
•
HD/SD compositor features for PIP support.
•
Format conversions (up to 1080p 60 Hz) include scan format conversion, scan rate conversion, aspect-
ratio conversion, and frame size conversion.
•
Supports additional video processing capabilities by using the memory-to-memory feature of the
subsystem.
•
Two parallel video processing pipelines support HD (up to 1080p60) and SD (NTSC/PAL)
simultaneous outputs.
–
SD analog output with OSD with embedded timing codes (BT.656)
•
S-video or Composite output
•
2-channel SD-DAC with 10-bit resolution
•
Options available to support MacroVision and CGMS-A (contact local TI Sales rep for
information).
–
Digital HDMI 1.3a-compliant transmitter (for details, see Section 8.9, High-Definition Multimedia
Interface (HDMI)).
–
One digital video output supporting up to 30-bits @ 165 MHz
–
One digital video output supporting up to 24-bits @ 165 MHz
•
Two independently configurable external video input capture ports (up to 165 MHz).
–
16/24-bit HD digital video input or dual clock independent 8-bit SD inputs on each capture port.
–
8/16/24-bit digital video input
–
8-bit digital video input
–
Embedded sync and external sync modes are supported for all input configurations (VIN1 Port B
supports embedded sync only).
–
De-multiplexing of both pixel-to-pixel and line-to-line multiplexed streams, effectively supporting up
to 16 simultaneous SD inputs with a glueless interface to an external multiplexer such as the
TVP5158.
–
Additional
features
include:
programmable
color
space
conversion,
scaler
and
chroma
downsampler, ancillary VANC/VBI data capture (decoded by software).
•
Graphics features:
–
Three independently-generated graphics layers.
–
Each supports full-screen resolution graphics in HD, SD or both.
–
Up/down scaler optimized for graphics.
–
Global and pixel-level alpha blending supported.
For more detailed information on specific features and registers, see the High Definition Video Processing
Subsystem chapter of the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature
Number: SPRUGZ7).
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
261
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com