Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 265 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 265 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 261Page - Texas Instruments AM3874 Datasheet HTML 262Page - Texas Instruments AM3874 Datasheet HTML 263Page - Texas Instruments AM3874 Datasheet HTML 264Page - Texas Instruments AM3874 Datasheet HTML 265Page - Texas Instruments AM3874 Datasheet HTML 266Page - Texas Instruments AM3874 Datasheet HTML 267Page - Texas Instruments AM3874 Datasheet HTML 268Page - Texas Instruments AM3874 Datasheet HTML 269Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 361 page
background image
R
LOAD
TV_VFBx
Reconstruction
Filter
~9.5 MHz
(A)
Amplifier
3.7 V/V
C
AC
(B)
75 Ω
R
OUT
TV_OUTx
TV_VFBx
Reconstruction
Filter
~9.5 MHz
(A)
C
AC
(B)
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.10.2 Video DAC Guidelines and Electrical Data/Timing
The analog video DAC outputs of the device can be operated in one of two modes: Normal mode and
TVOUT Bypass mode. In Normal mode, the device’s internal video amplifier is used. In TVOUT Bypass
mode, the internal video amplifier is bypassed and an external amplifier is required.
Figure 8-41 shows a typical circuit that permits connecting the analog video output from the device to
standard 75-
Ω impedance video systems in Normal mode. Figure 8-42 shows a typical circuit that permits
connecting the analog video output from the device to standard 75-
Ω impedance video systems in TVOUT
Bypass mode.
A.
Reconstruction Filter (optional)
B.
AC coupling capacitor (optional)
Figure 8-41. TV Output (Normal Mode)
A.
Reconstruction Filter (optional). Note: An amplifier with an integrated reconstruction filter can alternatively be used
instead of a discrete reconstruction filter.
B.
AC coupling capacitor (optional)
Figure 8-42. TV Output (TVOUT Bypass Mode)
During board design, the onboard traces and parasitics must be matched for the channel. The video DAC
output pins (TV_OUTx/TV_VFBx) are very high-frequency analog signals and must be routed with
extreme care. As a result, the paths of these signals must be as short as possible, and as isolated as
possible from other interfering signals. In TVOUT Bypass mode, the load resistor and amplifier/buffer
should be placed as close as possible to the TV_VFBx pins. Other layout guidelines include:
•
Take special care to bypass the VDDA_VDAC_1P8 power supply pin with a capacitor. For more
information, see Section 7.2.9, Power-Supply Decoupling.
•
In TVOUT Bypass mode, place the RLOAD resistor as close as possible to the Reconstruction Filter
and Amplifier. In addition, place the 75-
Ω resistor as close as possible (< 0.5 ") to the Amplifier/buffer
output pin. To maintain a high-quality video signal, the onboard traces after the 75-
Ω resistor should
have a characteristic impedance of 75
Ω (± 20%).
•
In Normal mode, TV_VFBx is the most sensitive pin in the TV out system. The ROUT resistor should
be placed as close as possible to the device pins. To maintain a high-quality video signal, the onboard
traces leading to the TV_OUTx pin should have a characteristic impedance of 75
Ω (± 20%) starting
from the closest possible place to the device pin output.
•
Minimize input trace lengths to the device to reduce parasitic capacitance.
•
Include solid ground return paths.
•
Match trace lengths as close as possible within a video format group (that is, Y and C for S-Video
output should match each other).
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
265
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com