Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 338 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 338 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 334Page - Texas Instruments AM3874 Datasheet HTML 335Page - Texas Instruments AM3874 Datasheet HTML 336Page - Texas Instruments AM3874 Datasheet HTML 337Page - Texas Instruments AM3874 Datasheet HTML 338Page - Texas Instruments AM3874 Datasheet HTML 339Page - Texas Instruments AM3874 Datasheet HTML 340Page - Texas Instruments AM3874 Datasheet HTML 341Page - Texas Instruments AM3874 Datasheet HTML 342Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.19.2 SPI Electrical Data/Timing
Table 8-105. Timing Requirements for SPI - Master Mode
(see Figure 8-90 and Figure 8-91)
OPP100/120/166
NO.
UNIT
MIN
MAX
MASTER: SPI0, SPI1, SPI2 (M0) and SPI3 (M0)1 LOAD AT A MAXIMUM OF 5 pF
1
tc(SPICLK)
Cycle time, SPI_CLK(1)(2)
20.8(3)
ns
2
tw(SPICLKL)
Pulse duration, SPI_CLK low(1)
0.5*P - 1(4)
ns
3
tw(SPICLKH)
Pulse duration, SPI_CLK high(1)
0.5*P - 1(4)
ns
SPI0, SPI1
2.29
Setup time, SPI_D[x] valid before SPI_CLK active
4
tsu(MISO-SPICLK)
ns
edge(1)
SPI2, SPI3
4
5
th(SPICLK-MISO)
Hold time, SPI_D[x] valid after SPI_CLK active edge (1)
2.67
ns
6
td(SPICLK-MOSI)
Delay time, SPI_CLK active edge to SPI_D[x] transition (1)
-3.57
3.57
ns
7
td(SCS-MOSI)
Delay time, SPI_SCS[x] active edge to SPI_D[x] transition
3.57
ns
MASTER_PH
B-4.2(6)
ns
A0(5)
Delay time, SPI_SCS[x] active to SPI_CLK first
8
td(SCS-SPICLK)
edge(1)
MASTER_PH
A-4.2(7)
ns
A1(5)
MASTER_PH
A-4.2(7)
ns
A0(5)
Delay time, SPI_CLK last edge to SPI_SCS[x]
9
td(SPICLK-SCS)
inactive(1)
MASTER_PH
B-4.2(6)
ns
A1(5)
MASTER: SPI0, SPI1, SPI2 (M0) and SPI3 (M0) LOAD AT MAX 25pF
MASTER: SPI2 (M1, M2, M3) and SPI3 (M1, M2, M3) 1 to 4 LOAD AT 5 to 25pF
1
tc(SPICLK)
Cycle time, SPI_CLK(1)(2)
41.7(8)
ns
2
tw(SPICLKL)
Pulse duration, SPI_CLK low(1)
0.5*P - 2(4)
ns
3
tw(SPICLKH)
Pulse duration, SPI_CLK high(1)
0.5*P - 2(4)
ns
SPI0, SPI1
4
Setup time, SPI_D[x] valid before SPI_CLK active
4
tsu(MISO-SPICLK)
ns
edge(1)
SPI2, SPI3
6
5
th(SPICLK-MISO)
Hold time, SPI_D[x] valid after SPI_CLK active edge (1)
3.8
ns
6
td(SPICLK-MOSI)
Delay time, SPI_CLK active edge to SPI_D[x] transition (1)
-5.5
5.5
ns
7
td(SCS-MOSI)
Delay time, SPI_SCS[x] active edge to SPI_D[x] transition
5.5
ns
MASTER_PH
B-3.5(6)
ns
A0(5)
Delay time, SPI_SCS[x] active to SPI_CLK first
8
td(SCS-SPICLK)
edge(1)
MASTER_PH
A-3.5(7)
ns
A1(5)
MASTER_PH
A-3.5(7)
ns
A0(5)
Delay time, SPI_CLK last edge to SPI_SCS[x]
9
td(SPICLK-SCS)
inactive(1)
MASTER_PH
B-3.5(6)
ns
A1(5)
(1)
This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
Related to the SPI_CLK maximum frequency.
(3)
Maximum frequency = 48 MHz
(4)
P = SPICLK period.
(5)
SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
(6)
B = (TCS + 0.5) * TSPICLKREF * Fratio, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even ≥2.
(7)
When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register. When P > 20.8 ns, A = (TCS
+ 0.5) * Fratio * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
(8)
Maximum frequency = 24 MHz
338
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com