Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 336 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 336 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 332Page - Texas Instruments AM3874 Datasheet HTML 333Page - Texas Instruments AM3874 Datasheet HTML 334Page - Texas Instruments AM3874 Datasheet HTML 335Page - Texas Instruments AM3874 Datasheet HTML 336Page - Texas Instruments AM3874 Datasheet HTML 337Page - Texas Instruments AM3874 Datasheet HTML 338Page - Texas Instruments AM3874 Datasheet HTML 339Page - Texas Instruments AM3874 Datasheet HTML 340Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.19 Serial Peripheral Interface (SPI)
The SPI is a high-speed synchronous serial input/output port that allows a serial bit stream of programmed
length (4 to 32 bits) to be shifted into and out of the device at a programmed bit-transfer rate. The SPI is
normally used for communication between the device and external peripherals. Typical applications
include an interface-to-external I/O or peripheral expansion via devices such as shift registers, display
drivers, SPI EEPROMs, and Analog-to-Digital Converters (ADCs).
The SPI supports the following features:
•
Master/Slave operation
•
Four chip selects for interfacing/control to up to four SPI Slave devices and connection to a single
external Master
•
32-bit shift register
•
Buffered receive/transmit data register per channel (1 word deep), FIFO size is 64 bytes
•
Programmable SPI configuration per channel (clock definition, enable polarity and word width)
•
Supports one interrupt request and two DMA requests per channel.
For more detailed information on the SPI, see the Multichannel Serial Port Interface (McSPI) chapter of
the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
8.19.1 SPI Peripheral Register Descriptions
Table 8-104. SPI Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
SPI0
SPI1
SPI2
SPI3
0x4803 0000
0x481A 0000
0x481A 2000
0x481A 4000
MCSPI_HL_REV
SPI REVISION
0x4803 0004
0x481A 0004
0x481A 2004
0x481A 4004
MCSPI_HL_HWIN
SPI HARDWARE
FO
INFORMATION
0x4803 0008 -
0x481A 0008 -
0x481A 2008 -
0x481A 4008 -
-
RESERVED
0x4803 000C
0x481A 000C
0x481A 200C
0x481A 400C
0x4803 0010
0x481A 0010
0x481A 2010
0x481A 4010
MCSPI_HL_SYSC
SPI SYSTEM
ONFIG
CONFIGURATION
0x4803 0014 -
0x481A 0014 -
0x481A 2014 -
0x481A 4014 -
-
RESERVED
0x4803 00FF
0x481A 00FF
0x481A 20FF
0x481A 40FF
0x4803 0100
0x481A 0100
0x481A 2100
0x481A 4100
MCSPI_REVISION REVISION
0x4803 0104 -
0x481A 0104 -
0x481A 2104 -
0x481A 4104 -
-
RESERVED
0x4803 010C
0x481A 010C
0x481A 210C
0x481A 410C
0x4803 0110
0x481A 0110
0x481A 2110
0x481A 4110
MCSPI_SYSCONF SYSTEM CONFIGURATION
IG
0x4803 0114
0x481A 0114
0x481A 2114
0x481A 4114
MCSPI_SYSSTAT
SYSTEM STATUS
US
0x4803 0118
0x481A 0118
0x481A 2118
0x481A 4118
MCSPI_IRQSTATU INTERRUPT STATUS
S
0x4803 011C
0x481A 011C
0x481A 211C
0x481A 411C
MCSPI_IRQENABL INTERRUPT ENABLE
E
0x4803 0120
0x481A 0120
0x481A 2120
0x481A 4120
MCSPI_WAKEUPE WAKEUP ENABLE
NABLE
0x4803 0124
0x481A 0124
0x481A 2124
0x481A 4124
MCSPI_SYST
SYSTEM TEST
0x4803 0128
0x481A 0128
0x481A 2128
0x481A 4128
MCSPI_MODULCT MODULE CONTROL
RL
0x4803 012C
0x481A 012C
0x481A 212C
0x481A 412C
MCSPI_CH0CONF CHANNEL 0 CONFIGURATION
0x4803 0130
0x481A 0130
0x481A 2130
0x481A 4130
MCSPI_CH0STAT
CHANNEL 0 STATUS
0x4803 0134
0x481A 0134
0x481A 2134
0x481A 4134
MCSPI_CH0CTRL
CHANNEL 0 CONTROL
0x4803 0138
0x481A 0138
0x481A 2138
0x481A 4138
MCSPI_TX0
CHANNEL 0 TRANSMITTER
0x4803 013C
0x481A 013C
0x481A 213C
0x481A 413C
MCSPI_RX0
CHANNEL 0 RECEIVER
336
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com