Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 332 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 332 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 328Page - Texas Instruments AM3874 Datasheet HTML 329Page - Texas Instruments AM3874 Datasheet HTML 330Page - Texas Instruments AM3874 Datasheet HTML 331Page - Texas Instruments AM3874 Datasheet HTML 332Page - Texas Instruments AM3874 Datasheet HTML 333Page - Texas Instruments AM3874 Datasheet HTML 334Page - Texas Instruments AM3874 Datasheet HTML 335Page - Texas Instruments AM3874 Datasheet HTML 336Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.18 Serial ATA Controller (SATA)
The Serial ATA (SATA) peripheral provides a direct interface to one hard disk drive (SATA 300) or up to
15 hard disk drives using a Port Multiplier and supports the following features:
•
Serial ATA 1.5 Gbps and 3 Gbps speeds
•
Integrated PHY
•
Integrated Rx and Tx data buffers
•
Supports all SATA power management features
•
Hardware-assisted native command queuing (NCQ) for up to 32 entries
•
Supports port multiplier with command-based switching
•
Activity LED support.
8.18.1 SATA Peripheral Register Descriptions
Table 8-99. SATA Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4A14 0000
CAP
HBA Capabilities
0x4A14 0004
GHC
Global HBA Control
0x4A14 0008
IS
Interrupt Status
0x4A14 000C
PI
Ports Implemented
0x4A14 0010
VS
AHCI Version
0x4A14 0014
CCC_CTL
Command Completion Coalescing Control
0x4A14 0018
CCC_PORTS
Command Completion Coalescing Ports
0x4A14 001C - 0x4A14 009C
-
Reserved
0x4A14 00A0
BISTAFR
BIST Active FIS
0x4A14 00A4
BISTCR
BIST Control
0x4A14 00A8
BISTFCTR
BIST FIS Count
0x4A14 00AC
BISTSR
BIST Status
0x4A14 00B0
BISTDECR
BIST DWORD Error Count
0x4A14 00B4 - 0x4A14 00DF
-
Reserved
0x4A14 00E0
TIMER1MS
BIST DWORD Error Count
0x4A14 00E4
-
Reserved
0x4A14 00E8
GPARAM1R
Global Parameter 1
0x4A14 00EC
GPARAM2R
Global Parameter 2
0x4A14 00F0
PPARAMR
Port Parameter
0x4A14 00F4
TESTR
Test
0x4A14 00F8
VERSIONR
Version
0x4A14 00FC
IDR (PID)
ID
0x4A14 0100
P0CLB
Port 0 Command List Base Address
0x4A14 0104
-
Reserved
0x4A14 0108
P0FB
Port 0 FIS Base Address
0x4A14 010C
-
Reserved
0x4A14 0110
P0IS
Port 0 Interrupt Status
0x4A14 0114
P0IE
Port 0 Interrupt Enable
0x4A14 0118
P0CMD
Port 0 Command
0x4A14 011C
-
Reserved
0x4A14 0120
P0TFD
Port 0 Task File Data
0x4A14 0124
P0SIG
Port 0 Signature
0x4A14 0128
P0SSTS
Port 0 Serial ATA Status (SStatus)
332
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com