Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 331 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 331 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 327Page - Texas Instruments AM3874 Datasheet HTML 328Page - Texas Instruments AM3874 Datasheet HTML 329Page - Texas Instruments AM3874 Datasheet HTML 330Page - Texas Instruments AM3874 Datasheet HTML 331Page - Texas Instruments AM3874 Datasheet HTML 332Page - Texas Instruments AM3874 Datasheet HTML 333Page - Texas Instruments AM3874 Datasheet HTML 334Page - Texas Instruments AM3874 Datasheet HTML 335Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
In general, closely coupled differential signal traces are not an advantage on PCBs. When differential
signals are closely coupled, tight spacing and width control is necessary. Very small width and spacing
variations affect impedance dramatically, so tight impedance control can be more problematic to maintain
in production.
Loosely coupled PCB differential signals make impedance control much easier. Wider traces and spacing
make obstacle avoidance easier, and trace width variations do not affect impedance as much; therefore, it
is easier to maintain an accurate impedance over the length of the signal. The wider traces also show
reduced skin effect and, therefore, often result in better signal integrity.
Table 8-98 shows the routing specifications for the PCIe data signals.
Table 8-98. PCIe Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCIe signal trace length
10(1)
Inches
Differential pair trace matching
10(2)
Mils
Number of stubs allowed on PCIe traces(3)
0
Stubs
TX/RX pair differential impedance
80
100
120
Ω
TX/RX single ended impedance
51
60
69
Ω
Pad size of vias on PCIe trace
25(4)
Mils
Hole size of vias on PCIe trace
14
Mils
Number of vias on each PCIe trace
3
Vias(5)
PCIe differential pair to any other trace spacing
2*DS(6)
(1)
Beyond this, signal integrity may suffer.
(2)
For example, RXP0 within 10 Mils of RXN0.
(3)
In-line pads may be used for probing.
(4)
35-Mil antipad max recommended.
(5)
Vias must be used in pairs with their distance minimized.
(6)
DS = differential spacing of the PCIe traces.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
331
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com