Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 328 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 328 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 324Page - Texas Instruments AM3874 Datasheet HTML 325Page - Texas Instruments AM3874 Datasheet HTML 326Page - Texas Instruments AM3874 Datasheet HTML 327Page - Texas Instruments AM3874 Datasheet HTML 328Page - Texas Instruments AM3874 Datasheet HTML 329Page - Texas Instruments AM3874 Datasheet HTML 330Page - Texas Instruments AM3874 Datasheet HTML 331Page - Texas Instruments AM3874 Datasheet HTML 332Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-90. Configuration Registers Type 1 Summary (continued)
HEX ADDRESS
ACRONYM
NAME
5100_1014
BAR1 (32-Bit Mode)
Base Address Register 1 (32-bit mode)
BAR1 (64-Bit Mode)
Base Address Register 1 (64-bit BAR0)
5100_1018
BUSNUM
Latency Timer and Bus Number Register
5100_101C
SECSTAT
Secondary Status and I/O Base/Limit Register
5100_1020
MEMSPACE
Memory Limit and Base Register
5100_1024
PREFETCH_MEM
Prefetchable Memory Limit and Base Register
5100_1028
PREFETCH_BASE
Prefetchable Memory Base Upper 32-bits Register
5100_102C
PREFETCH_LIMIT
Prefetchable Limit Upper 32-bits Register
5100_1030
IOSPACE
I/O Base and Limit Upper 16-bits Register
5100_1034
CAP_PTR
Capabilities Pointer Register
5100_1038
EXPNSN_ROM
Expansion ROM Base Address Register
5100_103C
BRIDGE_INT
Bridge Control Register
Table 8-91. Power Management Capability Register Summary
HEX ADDRESS
ACRONYM
NAME
5100_1040
PMCAP
Power Management Capability Register
5100_1044
PM_CTL_STAT
Power Management Control and Status Register
Table 8-92. Message Signaled Interrupts (MSI) Register Summary
HEX ADDRESS
ACRONYM
NAME
5100_1050
MSI_CAP
MSI Capabilities Register
5100_1054
MSI_LOW32
MSI Lower 32 bits Register
5100_1058
MSI_UP32
MSI Upper 32 bits Register
5100_105C
MSI_DATA
MSI Data Register
Table 8-93. PCI Express Capabilities Register Summary
HEX ADDRESS
ACRONYM
NAME
5100_1070
PCIES_CAP
PCI Express Capabilities Register
5100_1074
DEVICE_CAP
Device Capabilities Register
5100_1078
DEV_STAT_CTRL
Device Status and Control Register
5100_107C
LINK_CAP
Link Capabilities Register
5100_1080
LINK_STAT_CTRL
Link Status and Control Register
5100_1084
SLOT_CAP
Slot Capabilities Register (RC Mode Only)
5100_1088
SLOT_STAT_CTRL
Slot Status and Control Register (RC Mode Only)
5100_108C
ROOT_CTRL_CAP
Root Control and Capabilities Register (RC Mode Only)
5100_1090
ROOT_STATUS
Root Status and Control Register (RC Mode Only)
5100_1094
DEV_CAP2
Device Capabilities 2 Register
5100_1098
DEV_STAT_CTRL2
Device Status and Control 2 Register
5100_10A0
LINK_CTRL2
Link Control 2 Register
Table 8-94. PCI Express Extended Capabilities Register Summary
HEX ADDRESS
ACRONYM
NAME
5100_1100
PCIE_EXTCAP
PCI Express Extended Capabilities Header Register
5100_1104
PCIE_UNCERR
PCI Express Uncorrectable Error Status Register
5100_1108
PCIE_UNCERR_MASK
PCI Express Uncorrectable Error Mask Register
5100_110C
PCIE_UNCERR_SVRTY
PCI Express Uncorrectable Error Severity Register
328
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com