Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 330 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 330 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 326Page - Texas Instruments AM3874 Datasheet HTML 327Page - Texas Instruments AM3874 Datasheet HTML 328Page - Texas Instruments AM3874 Datasheet HTML 329Page - Texas Instruments AM3874 Datasheet HTML 330Page - Texas Instruments AM3874 Datasheet HTML 331Page - Texas Instruments AM3874 Datasheet HTML 332Page - Texas Instruments AM3874 Datasheet HTML 333Page - Texas Instruments AM3874 Datasheet HTML 334Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.17.3.2.1 Coupling Capacitors
AC coupling capacitors are required on the transmit data pair. Table 8-96 shows the requirements for
these capacitors.
Table 8-96. AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
PCIe AC coupling capacitor value
75
200
nF
PCIe AC coupling capacitor package size(1)
0402
0603
EIA(2)
(1)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair, placed side by side.
(2)
EIA LxW units; that is, a 0402 is a 40x20 mil (thousandths of an inch) surface-mount capacitor.
8.17.3.2.2 Polarity Inversion
The PCIe specification requires polarity inversion support. This means, for layout purposes, polarity is
unimportant since each signal can change its polarity on-die inside the chip. This means polarity within a
lane is unimportant for layout.
8.17.3.3 Non-Standard PCIe Connections
The following sections contain suggestions for any PCIe connection that is not described in the official
PCIe specification, such as an on-board device-to-device connection, or device-to-other PCIe-compliant
processor connection.
8.17.3.3.1 PCB Stackup Specifications
Table 8-97 shows the stackup and feature sizes required for these types of PCIe connections.
Table 8-97. PCIe PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB Routing/Plane Layers
4
6
-
Layers
Signal Routing Layers
2
3
-
Layers
Number of ground plane cuts allowed within PCIe routing region
-
-
0
Cuts
Number of layers between PCIe routing area and reference plane(1)
-
-
0
Layers
PCB Routing clearance
-
4
-
Mils
PCB Trace width(2)
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
MPU BGA pad size(3)(4)
0.4
mm
(1)
A reference plane may be a ground plane or the power plane referencing the PCIe signals.
(2)
In breakout area.
(3)
Non-solder mask defined pad.
(4)
Per IPC-7351A BGA pad size guideline.
8.17.3.3.2 Routing Specifications
The PCIe data signal traces must be routed to achieve 100
Ω (±20%) differential impedance and 60 Ω
(±15%) single-ended impedance. The single-ended impedance is required because differential signals are
extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes important.
These requirements are the same as those recommended in the PCIe Motherboard Checklist 1.0
document, available from PCI-SIG.
These impedances are impacted by trace width, trace spacing, distance between signals and referencing
planes, and dielectric material. Verify with a PCB design tool that the trace geometry for both data signal
pairs result in as close to 100
Ω differential impedance and 60 Ω single-ended impedance as possible. For
best accuracy, work with your PCB fabricator to ensure this impedance is met.
330
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com