Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 130 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 130 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 126Page - Infineon Technologies AG PEB2256HT Datasheet HTML 127Page - Infineon Technologies AG PEB2256HT Datasheet HTML 128Page - Infineon Technologies AG PEB2256HT Datasheet HTML 129Page - Infineon Technologies AG PEB2256HT Datasheet HTML 130Page - Infineon Technologies AG PEB2256HT Datasheet HTML 131Page - Infineon Technologies AG PEB2256HT Datasheet HTML 132Page - Infineon Technologies AG PEB2256HT Datasheet HTML 133Page - Infineon Technologies AG PEB2256HT Datasheet HTML 134Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
130
2002-08-27
• RBS1/0 = 00: two frame buffer or 386 bits
Maximum of wander amplitude (peak-to-peak): (1 UI = 648 ns)
System interface clocking rate: modulo 2.048 MHz:
142 UI in channel translation mode 0
78 UI in channel translation mode 1
System interface clocking rate: modulo 1.544 MHz:
Maximum of wander: 140 UI
average delay after performing a slip: 1 frame or 193 bits
• RBS1/0 = 01: one frame buffer or 193 bits
System interface clocking rate: modulo 2.048 MHz:
Maximum of wander: 70 UI in channel translation mode 0
Maximum of wander: 50 UI in channel translation mode 1
System interface clocking rate: modulo 1.544 MHz:
Maximum of wander: 74 UI
average delay after performing a slip: 96 bits
• RBS1/0 = 10: short buffer or 96 bits
System interface clocking rate: modulo 2.048 MHz:
Maximum of wander: 28 UI in channel translation mode 0; channel translation mode
1 not supported
System interface clocking rate: modulo 1.544 MHz:
Maximum of wander: 38 UI
average delay after performing a slip: 48 bits
• RBS1/0 = 11: Bypass of the receive elastic buffer
The functions are:
• Clock adaption between system clock (SCLKR) and internally generated route clock
(RCLK).
• Compensation of input wander and jitter.
• Frame alignment between system frame and receive route frame
• Reporting and controlling of slips
Controlled by special signals generated by the receiver, the unipolar bit stream is
converted into bit-parallel, time slot serial data which is circularly written to the elastic
buffer using internally generated Receive Route Clock (RCLK).
Reading of stored data is controlled by the system clock sourced by SCLKR or by the
receive jitter attenuator and the synchronization pulse (SYPR) together with the
programmed offset values for the receive time slot/clock slot counters. After conversion
into a serial data stream, the data is sent out on port RDO. If the receive buffer is
bypassed programming of the time slot offset is disabled and data is clocked off with
RCLK instead of SCLKR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com