Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 184 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 184 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 180Page - Infineon Technologies AG PEB2256HT Datasheet HTML 181Page - Infineon Technologies AG PEB2256HT Datasheet HTML 182Page - Infineon Technologies AG PEB2256HT Datasheet HTML 183Page - Infineon Technologies AG PEB2256HT Datasheet HTML 184Page - Infineon Technologies AG PEB2256HT Datasheet HTML 185Page - Infineon Technologies AG PEB2256HT Datasheet HTML 186Page - Infineon Technologies AG PEB2256HT Datasheet HTML 187Page - Infineon Technologies AG PEB2256HT Datasheet HTML 188Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
184
2002-08-27
5.6.4
Local Loop
The local loop-back mode, selected by LIM0.LL = 1, disconnects the receive lines RL1/
2 or RDIP/RDIN from the receiver. Instead of the signals coming from the line the data
provided by system interface are routed through the analog receiver back to the system
interface. However, the bit stream is transmitted undisturbedly on the line. An AIS to the
distant end can be enabled by setting FMR1.XAIS without influencing the data looped
back to the system interface.
Note that enabling the local loop usually invokes an out of frame error until the receiver
resynchronizes to the new framing. The serial codes for transmitter and receiver have to
be identical.
Figure 74
Local Loop (T1/J1)
ITS09749
RDO
XDI
RCLK
AIS-GEN
RL1
RL2
XL1
XL2
Framer
Rec.
Framer
Trans.
Store
Elast.
Recovery
Data
Clock +
MUX
Elast.
Store



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com