Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 186 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 186 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 182Page - Infineon Technologies AG PEB2256HT Datasheet HTML 183Page - Infineon Technologies AG PEB2256HT Datasheet HTML 184Page - Infineon Technologies AG PEB2256HT Datasheet HTML 185Page - Infineon Technologies AG PEB2256HT Datasheet HTML 186Page - Infineon Technologies AG PEB2256HT Datasheet HTML 187Page - Infineon Technologies AG PEB2256HT Datasheet HTML 188Page - Infineon Technologies AG PEB2256HT Datasheet HTML 189Page - Infineon Technologies AG PEB2256HT Datasheet HTML 190Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
186
2002-08-27
5.6.6
Alarm Simulation (T1/J1)
Alarm simulation does not affect the normal operation of the device, i.e. all time slots
remain available for transmission. However, possible real alarm conditions are not
reported to the processor or to the remote end when the device is in the alarm simulation
mode.
The alarm simulation is initiated by setting the bit FMR0.SIM. The following alarms are
simulated:
• Loss-Of-Signal (LOS, red alarm)
• Alarm indication signal (AIS, blue alarm)
• Loss of pulse frame
• Remote alarm (yellow alarm) indication
• Receive and transmit slip indication
• Framing error counter
• Code violation counter
• CRC6 error counter
Some of the above indications are only simulated if the FALC56 is configured in a mode
where the alarm is applicable.
The alarm simulation is controlled by the value of the alarm simulation counter:
FRS2.ESC which is incremented by setting bit FMR0.SIM.
Clearing of alarm indications:
• Automatically for LOS, remote (yellow) alarm, AIS, and loss of synchronization and
• User controlled for slips by reading the corresponding interrupt status register ISR3.
• Error counter have to be cleared by reading the corresponding counter registers.
is only possible at defined counter steps of FRS2.ESC. For complete simulation
(FRS2.ESC = 0), eight simulation steps are necessary.
5.6.7
Single Bit Defect Insertion
Single bit defects can be inserted into the transmit data stream for the following
functions:
FAS defect, multiframe defect, CRC defect, CAS defect, PRBS defect and bipolar
violation.
Defect insertion is controlled by register IERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com