Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 190 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 190 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 186Page - Infineon Technologies AG PEB2256HT Datasheet HTML 187Page - Infineon Technologies AG PEB2256HT Datasheet HTML 188Page - Infineon Technologies AG PEB2256HT Datasheet HTML 189Page - Infineon Technologies AG PEB2256HT Datasheet HTML 190Page - Infineon Technologies AG PEB2256HT Datasheet HTML 191Page - Infineon Technologies AG PEB2256HT Datasheet HTML 192Page - Infineon Technologies AG PEB2256HT Datasheet HTML 193Page - Infineon Technologies AG PEB2256HT Datasheet HTML 194Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 490 page
background image
FALC56 V1.2
PEB 2256
Operational Description E1
Data Sheet
190
2002-08-27
E1 Initialization
For a correct start up of the primary access interface a set of parameters specific to the
system and hardware environment must be programmed after reset goes inactive. Both
the basic and the operational parameters must be programmed before the activation
procedure of the PCM line starts. Such procedures are specified in ITU-T and ETSI
recommendations (e.g. fault conditions and consequent actions). Setting optional
parameters primarily makes sense when basic operation via the PCM line is guaranteed.
Table 47 gives an overview of the most important parameters in terms of signals and
control bits which are to be programmed in one of the above steps. The sequence is
recommended but not mandatory. Accordingly, parameters for the basic and operational
set up, for example, can be programmed simultaneously. The bit FMR1.PMOD should
always be kept low (otherwise T1/J1 mode is selected).
RAH(2:1)
RAL(2:1)
FD
H, FFH
FF
H, FFH
Compare register for receive address cleared
GCM(6:1)
all 00
H
Fixed clock mode selected (2.048 MHz on pin MCLK
required).
Table 47
Initialization Parameters (E1)
Basic Set Up
Master clocking mode
GCM(6:1) according to external MCLK
clock frequency
E1 mode select
FMR1.PMOD = 0
Specification of line interface and clock
generation
LIM0, LIM1, XPM(2:0)
Line interface coding
FMR0.XC(1:0), FMR0.RC(1:0)
Loss-of-signal detection/recovery
conditions
PCD, PCR, LIM1, LIM2
System clocking and data rate
SIC1.SSCC(1:0),
SIC1.SSD1,FMR1.SSD0
CMR2.IRSP/IRSC/IXSP/IXSC
Transmit offset counters
XC0.XCO, XC1.XTO
Receive offset counters
RC0.RCO, RC1.RTO
AIS to system interface
FMR2.DAIS/SAIS
Table 46
Initial Values after Reset (E1) (cont’d)
Register
Reset Value
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com