Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 191 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 191 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 187Page - Infineon Technologies AG PEB2256HT Datasheet HTML 188Page - Infineon Technologies AG PEB2256HT Datasheet HTML 189Page - Infineon Technologies AG PEB2256HT Datasheet HTML 190Page - Infineon Technologies AG PEB2256HT Datasheet HTML 191Page - Infineon Technologies AG PEB2256HT Datasheet HTML 192Page - Infineon Technologies AG PEB2256HT Datasheet HTML 193Page - Infineon Technologies AG PEB2256HT Datasheet HTML 194Page - Infineon Technologies AG PEB2256HT Datasheet HTML 195Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 490 page
background image
FALC56 V1.2
PEB 2256
Operational Description E1
Data Sheet
191
2002-08-27
Features like channel loop-back, idle channel activation, extensions for signaling
support, alarm simulation, etc. are activated later. Transmission of alarms (e.g. AIS,
remote alarm) and control of synchronization in connection with consequent actions to
remote end and internal system depend on the activation procedure selected.
Note: Read access to unused register addresses: value should be ignored.
Write access to unused register addresses: should be avoided, or set to “00” hex.
All control registers (except XFIFO, XS(16:1), CMDR, DEC) are of type Read/
Write.
Specific E1 Register Settings
The following is a suggestion for a basic initialization to meet most of the E1
requirements. Depending on different applications and requirement any other
initialization can be used.
E1 Framer Initialization
The selection of the following modes during the basic initialization supports the ETSI
requirements for E-Bit Access, remote alarm and synchronization (please refer also to
FALC56 driver code of the evaluation system EASY22554 and application notes) and
Operational Set Up
Select framing
FMR2.RFS(1:0), FMR1.XFS
Framing additions
RC1.ASY4, RC1.SWD
Synchronization mode
FMR1.AFR, FMR2.ALMF
Signaling mode
XSP, XSW, FMR1.ENSA, XSA(8:4),
TSWM, MODE, CCR1, CCR2, RAH(2:1),
RAL(2:1)
Table 48
Line Interface Initialization (E1)
FMR0.XC0/
FMR0.RC0/
LIM1.DRS
FMR3.CMI
The FALC56 supports requirements for the analog line interface
as well as the digital line interface. For the analog line interface
the codes AMI and HDB3 are supported. For the digital line
interface modes (dual- or single-rail) the FALC56 supports AMI,
HDB3, CMI (with and without HDB3 precoding) and NRZ.
PCD = 0A
H
LOS detection after 176 consecutive “zeros” (fulfills G.775).
PCR = 15
H
LOS recovery after 22 “ones” in the PCD interval. (fulfills G.775).
LIM1.RIL(2:0) = 02
H
LOS threshold of 0.6 V (fulfills G.775).
Table 47
Initialization Parameters (E1) (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com