Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 185 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 185 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 181Page - Infineon Technologies AG PEB2256HT Datasheet HTML 182Page - Infineon Technologies AG PEB2256HT Datasheet HTML 183Page - Infineon Technologies AG PEB2256HT Datasheet HTML 184Page - Infineon Technologies AG PEB2256HT Datasheet HTML 185Page - Infineon Technologies AG PEB2256HT Datasheet HTML 186Page - Infineon Technologies AG PEB2256HT Datasheet HTML 187Page - Infineon Technologies AG PEB2256HT Datasheet HTML 188Page - Infineon Technologies AG PEB2256HT Datasheet HTML 189Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
185
2002-08-27
5.6.5
Single Channel Loop-Back (loop-back of time slots)
The channel loop-back is selected by LOOP.ECLB = 1.
Each of the 24 time slots can be selected for loop-back from the system PCM input (XDI)
to the system PCM output (RDO). This loop-back is programmed for one time slot at a
time selected by register LOOP. During loop-back, an idle channel code programmed in
register IDLE is transmitted to the remote end in the corresponding PCM route time slot.
For the time slot test, sending sequences of test patterns like a 1-kHz check signal
should be avoided. Otherwise an increased occurrence of slips in the tested time slot
disturbs testing. These slips do not influence the other time slots and the function of the
receive memory. The usage of a quasi-static test pattern is recommended.
Figure 75
Channel Loop-Back (T1/J1)
ITS09747
RDO
XDI
RCLK
RL1
RL2
XL1
XL2
IDLE Code
Framer
Trans.
Framer
Rec.
Store
Elast.
Store
Elast.
MUX
MUX
Recovery
Data
Clock +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com