Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 27Page - Infineon Technologies AG TC1765T Datasheet HTML 28Page - Infineon Technologies AG TC1765T Datasheet HTML 29Page - Infineon Technologies AG TC1765T Datasheet HTML 30Page - Infineon Technologies AG TC1765T Datasheet HTML 31Page - Infineon Technologies AG TC1765T Datasheet HTML 32Page - Infineon Technologies AG TC1765T Datasheet HTML 33Page - Infineon Technologies AG TC1765T Datasheet HTML 34Page - Infineon Technologies AG TC1765T Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
TC1765
Data Sheet
27
V1.2, 2002-12
Preliminary
General Purpose Timer Array
Figure 9 shows a global block diagram of the General Purpose Timer Array (GPTA).
Figure 9
GPTA Module Block Diagram
The GPTA module has 56 input signals and 56 output signals which are connected with
56 Port 1, Port 2, Port 3, and Port 4 pins.
The General Purpose Timer Array (GPTA) provides important digital signal filtering and
timer support whose combination enables autonomous and complex functionalities. This
architecture allows easy implementation and easy validation of any kind of timer
functions.
M C B 05053
Po rt
Co ntrol
IO 54
IO 55
P4 .0
P4 .1
P4 .6
P4 .7
G PTA M odule K ernel
C loc k G e ne ration U n it
Filter &
Pres ca le r
Ce lls
P hase
Dis crim ina tor
Lo gic
Du ty Cy cle
M easurem en t
D igital P h as e
Lo ck ed Lo o p
Inte rrup t C o ntro l U nit
S ignal G e nera tion U nit
G lobal
Tim e rs
G lob al T im er
Ce lls
Lo ca l T im e r
Ce lls
OU T 54
OU T 55
IO 48
IO 49
IO 46
IO 47
P3 .0
P3 .1
P3.1 4
P3.1 5
IO 32
IO 33
IO 30
IO 31
P2 .0
P2 .1
P2.1 4
P2.1 5
IO 16
IO 17
IO 14
IO 15
P1 .0
P1 .1
P1.1 4
P1.1 5
IO 0
IO 1
IN 0
IN 1
OU T 0
OU T 1
IN 5 5
IN 5 4
AS 0
AS 1
AS 5 5
Cloc k
C ontro l
Add res s
Dec od er
A/D
C onverte r
PT IN 0 1
PT IN 1 0
f
GP T A
PT IN 1 1
PT IN 0 0
Inte rrup t
C ontro l
SR 0 1
SR 5 2
SR 5 3
SR 0 0
To D M A
LT C 5 4
GT C 30
AS 5 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com