Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 10Page - Infineon Technologies AG TC1765T Datasheet HTML 11Page - Infineon Technologies AG TC1765T Datasheet HTML 12Page - Infineon Technologies AG TC1765T Datasheet HTML 13Page - Infineon Technologies AG TC1765T Datasheet HTML 14Page - Infineon Technologies AG TC1765T Datasheet HTML 15Page - Infineon Technologies AG TC1765T Datasheet HTML 16Page - Infineon Technologies AG TC1765T Datasheet HTML 17Page - Infineon Technologies AG TC1765T Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
TC1765
Data Sheet
10
V1.2, 2002-12
Preliminary
P0
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P0.8
P0.9
P0.10
P0.11
P0.12
P0.13
P0.14
P0.15
A10
D7
B8
C7
A11
A12
D8
B9
A13
B10
A14
C9
C10
D10
A15
B11
I/O
I/O
I
I/O
I
I
I/O
I
I
I/O
I
I/O
O
I/O
O
I/O
O
I/O
O
I/O
I/O
I/O
I
O
I
O
Port 06)
Port 0 is a 16-bit bi-directional general purpose I/O port that
is also used as input/output for ASC0, SSC0, CAN, GPTU,
ADC0, ADC1, and the DMA Controller.
GPT0
GPTU I/O line 0 /
AD0EXTIN0
ADC0 external trigger input 0
GPT1
GPTU I/O line 1
AD0EXTIN1
ADC0 external trigger input 1
DMREQ0A
DMA request input 0A
GPT2
GPTU I/O line 2
AD1EXTIN0
ADC1 external trigger input 0
DMREQ1A
DMA request input 1A
GPT3
GPTU I/O line 3
AD1EXTIN1
ADC1 external trigger input 1
GPT4
GPTU I/O line 4 /
AD0EMUX0
ADC0 external multiplexer control 0
GPT5
GPTU I/O line 5
AD0EMUX1
ADC0 external multiplexer control 1
GPT6
GPTU I/O line 6
AD0EMUX2
ADC0 external multiplexer control 2
RXD0
ASC0 receiver input/output
TXD0
ASC0 transmitter output
SCLK0
SSC0 clock input/output
MRST0
SSC0 master receive input /
SSC0 slave transmit output
MTSR0
SSC0 master transmit output /
SSC0 slave receive input
RXDCAN0
CAN receiver input 0
TXDCAN0
CAN transmitter output 0
RXDCAN1
CAN receiver input 1
TXDCAN1
CAN transmitter output 1
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin
In
Out
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com