| Electronic Components Datasheet Search |
|
TC1765T Datasheet(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1765T Datasheet(HTML) 18 Page - Infineon Technologies AG |
|
18 / 88 page ![]() TC1765 Data Sheet 14 V1.2, 2002-12 Preliminary TDO R12 O JTAG Module Serial Data Output3) TMS8) V15 I JTAG Module State Machine Control Input OCDSE8) R11 I OCDS Enable Input A low level on this pin during power-on reset (PORST =0) enables the on-chip debug support (OCDS). In addition, the level of this pin during power-on reset determines the boot configuration. BRKIN8) U15 I OCDS Break Input A low level on this pin causes a break in the chip’s execution when the OCDS is enabled. In addition, the level of this pin during power-on reset determines the boot configuration. BRKOUT T12 O OCDS Break Output3) A low level on this pin indicates that a programmable OCDS event has occurred. NMI8) U17 I Non-Maskable Interrupt Input A high-to-low transition on this pin causes an NMI-Trap request to the CPU. HDRST8) P18 I/O Hardware Reset Input / Reset Indication Output6) Assertion of this open-drain bidirectional pin causes a synchronous reset of the chip through external circuitry. The internal reset circuitry drives this pin in response to a power-on, hardware, watchdog and power-down wake-up reset for a specific period of time. For a software reset, it is programmable whether this pin is activated or not. PORST T17 I Power-on Reset Input A low level on PORST causes an asynchronous reset of the entire chip. During power-up of the TC1765, this pin must be held active (low). BYPASS N17 I PLL Bypass Control Input This pin is sampled during power-on reset (PORST = 0). If BYPASS is at high level, direct drive mode operation of the clock circuitry is selected and the PLL is bypassed. Table 1 Pin Definitions and Functions (cont’d) Symbol Pin In Out Functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |