Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 71Page - Infineon Technologies AG TC1765T Datasheet HTML 72Page - Infineon Technologies AG TC1765T Datasheet HTML 73Page - Infineon Technologies AG TC1765T Datasheet HTML 74Page - Infineon Technologies AG TC1765T Datasheet HTML 75Page - Infineon Technologies AG TC1765T Datasheet HTML 76Page - Infineon Technologies AG TC1765T Datasheet HTML 77Page - Infineon Technologies AG TC1765T Datasheet HTML 78Page - Infineon Technologies AG TC1765T Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
TC1765
Data Sheet
71
V1.2, 2002-12
Preliminary
Testing Waveforms
TA = -40 °C to +125 °C; Frequency: max. 40 MHz;
Class A Pins:
VDDP813 = 3.0 to 5.25 V; VSS = 0 V;
Figure 24
Testing Waveforms for Class A Pins
Class B and Class C Pins:
VDD = 2.30 to 2.75 V; VSS = 0 V;
VDDOSC = 2.30 to 2.75 V; VSSOSC = 0 V;
Figure 25
Testing Waveforms for Class B and Class C Pins
Figure 26
Tri-State Testing Waveforms for Class B Pins
MCT04880
V
IHmin
V
ILmax
V
OHmin
V
OLmax
V
OHmin
V
OLmax
Test Points
AC inputs during testing are driven with
VIHmin for a logic 1 and VILmax for a logic 0.
Timing measurements are made at
VOHmin for a logic 1 and VOLmax for a logic 0.
Input and Output Low/High max./min. voltages are defined at Page 60.
MCT04881
V
IHmin
V
ILmax
V
DD / 2
Test Points
V
DD / 2
AC inputs during testing are driven with
VIHmin for a logic 1 and VILmax for a logic 0.
Timing measurements are made at
VDD/2 for a logic 1 and for a logic 0.
Input Low/High max./min. voltages are defined at Page 61 and Page 68.
MCT05074
V
Load + 0.1 V
V
OH - 0.1 V
Timing
Reference
Points
V
Load - 0.1 V
V
OL - 0.1 V
For timing purposes a port pin is no longer floating when a 100 mV change from load
voltage occurs, but begins to float when a 100 mV change from the loaded
VOH/VOL
level occurs (
IOH/IOL = 15 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com