Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 59Page - Infineon Technologies AG TC1765T Datasheet HTML 60Page - Infineon Technologies AG TC1765T Datasheet HTML 61Page - Infineon Technologies AG TC1765T Datasheet HTML 62Page - Infineon Technologies AG TC1765T Datasheet HTML 63Page - Infineon Technologies AG TC1765T Datasheet HTML 64Page - Infineon Technologies AG TC1765T Datasheet HTML 65Page - Infineon Technologies AG TC1765T Datasheet HTML 66Page - Infineon Technologies AG TC1765T Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
TC1765
Data Sheet
59
V1.2, 2002-12
Preliminary
1) Digital supply voltages applied to the TC1765 must be static regulated voltages which allow a typical voltage
swing of
±10%.
2) Voltage overshoot to 6.5 V is permissible, provided that the pulse duration is less than 100
µs and the
cumulated summary of the pulses does not exceed 1 hour.
3) Voltage overshoot to 4 V is permissible, provided that the pulse duration is less than 100
µs and the cumulated
summary of the pulses does not exceed 1 hour.
4) In order to minimize the danger of latch-up conditions, these 2.5 V V
DD power supply pins should be kept at
the same voltage level during normal operating mode. This condition is typically achieved by generating the
2.5 V power supplies from a single voltage source. The condition is also valid in normal operating mode if a
separate stand-by power supply
VDDSBRAM is used.
5) The minimum voltage at pin V
DDSBRAM during TC1765 power down mode is 1.8 V in order to keep the contents
of SBRAM valid. The core power supply
VDD must be below the standby power supply VDD < VDDSBRAM +
0.3 V.
6) The value of V
AREF is permitted to be within the range of VSSA - 0.05 V < VAREF < VDDM + 0.05 V. The value
specified for the total unadjusted error (TUE) is not guaranteed while the
VAREF is out of the specified range.
7) The value of V
AGND is permitted to be within the range of VSSA - 0.05 V < VAGND < VDDM + 0.05 V. The value
specified for the total unadjusted error (TUE) is not guaranteed while the
VAGND is out of the specified range.
8) Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range (i.e.
VOV > VDD + 0.5 V or VOV < VSS - 0.5 V). The absolute sum of input overload
currents on all port pins may not exceed 50 mA. The supply voltage must remain within the specified limits.
9) Not 100% tested, guaranteed by design and characterization.
10) Applicable for analog inputs.
11) Applicable for digital inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com