Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 48Page - Infineon Technologies AG TC1765T Datasheet HTML 49Page - Infineon Technologies AG TC1765T Datasheet HTML 50Page - Infineon Technologies AG TC1765T Datasheet HTML 51Page - Infineon Technologies AG TC1765T Datasheet HTML 52Page - Infineon Technologies AG TC1765T Datasheet HTML 53Page - Infineon Technologies AG TC1765T Datasheet HTML 54Page - Infineon Technologies AG TC1765T Datasheet HTML 55Page - Infineon Technologies AG TC1765T Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
TC1765
Data Sheet
48
V1.2, 2002-12
Preliminary
Power Management System
The TC1765 power management system allows software to configure the various
processing units so that they automatically adjust to draw the minimum necessary power
for the application.
There are four power management modes:
•Run Mode
• Idle Mode
• Sleep Mode
• Deep Sleep Mode
Table 5 describes the features of the power management modes.
Table 5
Power Management Mode Summary
Mode
Description
Run
The system is fully operational. All clocks and peripherals are enabled,
as determined by software.
Idle
The CPU clock is disabled, waiting for a condition to return it to Run
Mode. Idle Mode can be entered by software when the processor has no
active tasks to perform. All peripherals remain powered and clocked.
Processor memory is accessible to peripherals. A reset, Watchdog Timer
event, a falling edge on the NMI pin, or any enabled interrupt event will
return the system to Run Mode.
Sleep
The system clock continues to be distributed only to those peripherals
programmed to operate in Sleep Mode. Interrupts from operating
peripherals, the Watchdog Timer, a falling edge on the NMI pin, or a reset
event will return the system to Run Mode. Entering this state requires an
orderly shut-down controlled by the Power Management State Machine.
Deep Sleep
The system clock is shut off; only an external signal will restart the
system. Entering this state requires an orderly shut-down controlled by
the Power Management State Machine (PMSM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com