Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 67Page - Infineon Technologies AG TC1765T Datasheet HTML 68Page - Infineon Technologies AG TC1765T Datasheet HTML 69Page - Infineon Technologies AG TC1765T Datasheet HTML 70Page - Infineon Technologies AG TC1765T Datasheet HTML 71Page - Infineon Technologies AG TC1765T Datasheet HTML 72Page - Infineon Technologies AG TC1765T Datasheet HTML 73Page - Infineon Technologies AG TC1765T Datasheet HTML 74Page - Infineon Technologies AG TC1765T Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
TC1765
Data Sheet
67
V1.2, 2002-12
Preliminary
Figure 22
Equivalent Circuitry of Analog Input
Note: This equivalent circuitry for an analog input is also valid for the reference inputs
VAREF and VAGND.
9) The overload coupling factor (k
A) defines the worst case relation of an overload condition (IOV) at one pin to
the resulting leakage current (
Ileak) into an adjacent pin: |Ileak| = kA × |IOV|.
Thus under overload conditions an additional error leakage voltage (
VAEL) will be induced onto an adjacent
analog input pin due to the resistance of the analog input source (
RAIN). That means VAEL = RAIN × |Ileak|.
See also section 7.1.6 “Error Through Overload Conditions” in the TC1765 Peripheral Units User’s Manual for
further explanations.
10) This represents an equivalent switched capacitance. This capacitance is not switched to the reference voltage
at once. Instead of this smaller capacitances are successively switched to the reference voltage. Alternatively,
the redistributed charge could be specified.
11) The switched capacitance at the analog voltage input must be charged within the sampling time. Alternatively,
the redistributed charge could be specified.
M C S 04879
R
AIN , So u rce
=
V
AIN
C
AIN , Blo ck
R
AIN , O n
C
AIN T O T - C AIN S W
C
AIN S W
A /D C o nv erte r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com