Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 18Page - Infineon Technologies AG TC1765T Datasheet HTML 19Page - Infineon Technologies AG TC1765T Datasheet HTML 20Page - Infineon Technologies AG TC1765T Datasheet HTML 21Page - Infineon Technologies AG TC1765T Datasheet HTML 22Page - Infineon Technologies AG TC1765T Datasheet HTML 23Page - Infineon Technologies AG TC1765T Datasheet HTML 24Page - Infineon Technologies AG TC1765T Datasheet HTML 25Page - Infineon Technologies AG TC1765T Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
TC1765
Data Sheet
18
V1.2, 2002-12
Preliminary
Parallel Ports
The TC1765 has 77 digital input/output port lines organized into four parallel 16-bit ports
(Port 0 to Port 3), one 8-bit port (Port 4), and one 5-bit port (Port 5). Additionally,
24 analog input port lines are available. The External Bus Unit (EBU) is provided with
dedicated data, address, and control lines. A 16-bit Trace Port is available only in the
TC1765T.
The digital parallel ports Port 0 to Port 5 can be all used as general purpose I/O lines or
they can perform input/output functions for the on-chip peripheral units. The on-chip
External Bus Interface Unit allows to communicate with external memories, external
peripherals, or external debugging devices. An overview on the port-to-peripheral unit
assignment is shown in Figure 4.
Note: For further details on the three pin classes of the TC1765 I/O pins see also Table 8
on Page 56):
Figure 4
Parallel Ports of the TC1765
TC 1765N
TC 1765T
Pa ralle l
Po rts
M C A 04981
Po rt 0
Po rt 1
Po rt 2
Po rt 3
Po rt 4
Po rt 5
G P IO
A ltern ate F unctions
G P T U / A S C 0 / S S C 0 /
CA N / A D C 0 / AD C1
GP T A
GP T A
GP T A
GP T A / C F G
AS C1 / S S C 1
E x tern al B u s Interfa ce
TP [15:0]
O C D S T rac e P o rt
(T C 1765 T on ly)
A d dress B us A [23:0]
D a ta B u s D [31:0]
A N [23:0]
C o ntro l Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com