Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 61Page - Infineon Technologies AG TC1765T Datasheet HTML 62Page - Infineon Technologies AG TC1765T Datasheet HTML 63Page - Infineon Technologies AG TC1765T Datasheet HTML 64Page - Infineon Technologies AG TC1765T Datasheet HTML 65Page - Infineon Technologies AG TC1765T Datasheet HTML 66Page - Infineon Technologies AG TC1765T Datasheet HTML 67Page - Infineon Technologies AG TC1765T Datasheet HTML 68Page - Infineon Technologies AG TC1765T Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
TC1765
Data Sheet
61
V1.2, 2002-12
Preliminary
Class B Pins (
VDDP05 = 2.30 to 2.75 V)
Output low voltage
VOL CC –
0.2
×
VDD
V
IOL = 2.4 mA
0.45
V
IOL = 600 µA
Output high voltage
VOH CC 0.7 × VDD –V
IOH = -2.4 mA
0.9
× V
DD –V
IOH = -600 µA
Input high voltage
VIH
SR
0.7
× V
DD 3.7
V
–
Input low voltage
VIL
SR
-0.5
0.2
×
VDD
V–
Pull-up current6)7)
|
IPUH| CC –
10
µA
VOUT = VDD - 0.02 V
|
IPUL| CC 50
250
µA
VOUT = 0.5 × VDD
Pull-down current8)7)
|
IPDL| CC –
10
µA
VOUT = 0.02 V
|
IPDH| CC 40
300
µA
VOUT = 0.5 × VDD
Class A and B Pins
Input Hysteresis
HYS CC
0.030
×
VDDx
9)
–V
CMOS only10)
VDDx limits see
11)
Input leakage current
(Digital I/O)
IOZ2 CC –
±500
nA
0 V <
VIN < VDDx
9)
Peak short-circuit
current
Peak back-drive
current
(per digital pin)
Peak time & period
time12)13)
ISCBDpeak
SR
–
±20
mA
14)10)
Constant short-circuit
current
Constant back-drive
current
(per digital pin)
ISCBDcons
SR
–
±10
mA
14)10)
Input/Output DC-Characteristics (cont’d)
VSS = 0 V; TA = -40 °C to +125 °C;
Parameter1)
Symbol
Limit Values
Unit
Test Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com