Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 12Page - Infineon Technologies AG TC1765T Datasheet HTML 13Page - Infineon Technologies AG TC1765T Datasheet HTML 14Page - Infineon Technologies AG TC1765T Datasheet HTML 15Page - Infineon Technologies AG TC1765T Datasheet HTML 16Page - Infineon Technologies AG TC1765T Datasheet HTML 17Page - Infineon Technologies AG TC1765T Datasheet HTML 18Page - Infineon Technologies AG TC1765T Datasheet HTML 19Page - Infineon Technologies AG TC1765T Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
TC1765
Data Sheet
12
V1.2, 2002-12
Preliminary
P3
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.14
P3.15
F16
F15
E18
E16
E15
E17
D18
D17
C18
C17
B18
A18
C14
D15
B17
B16
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Port 36)
Port 3 is a 16-bit bidirectional general purpose I/O port which
also serves as input or output for the GPTA.
IN32 / OUT32 line of GPTA
IN33 / OUT33 line of GPTA
IN34 / OUT34 line of GPTA
IN35 / OUT35 line of GPTA
IN36 / OUT36 line of GPTA
IN37 / OUT37 line of GPTA
IN38 / OUT38 line of GPTA
IN39 / OUT39 line of GPTA
IN40 / OUT40 line of GPTA
IN41 / OUT41 line of GPTA
IN42 / OUT42 line of GPTA
IN43 / OUT43 line of GPTA
IN44 / OUT44 line of GPTA
IN45 / OUT45 line of GPTA
IN46 / OUT46 line of GPTA
IN47 / OUT47 line of GPTA
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
D14
C13
A17
B15
C16
D13
C15
C12
I/O
I/O
I/O
I
I/O
I
I/O
I/O
I/O
I/O
I/O
Port 46)
Port 4 is an 8-bit bidirectional general purpose I/O port which
also serves as input/output for the GPTA or external request
input for the DMA controller. During hardware reset the port 4
lines are also used as start-up configuration selection inputs
and PLL clock selection inputs.
IN48 / OUT48 line of GPTA
IN49 / OUT49 line of GPTA /
DMREQ0B
DMA request input 0B
IN50 / OUT50 line of GPTA /
DMREQ1B
DMA request input 1B
IN51 / OUT51 line of GPTA
IN52 / OUT52 line of GPTA / CFG[0]
IN53 / OUT53 line of GPTA / CFG[1]
IN54 / OUT54 line of GPTA / CFG[2]
IN55 / OUT55 line of GPTA / GPTA emergency shut down
CFG[2:0]: Start-up Configuration Selection Inputs
These pins are sampled during power-on reset (PORST =0).
The configuration inputs define the boot options of the
TC1765 after a hardware reset operation.
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin
In
Out
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com