Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 30Page - Infineon Technologies AG TC1765T Datasheet HTML 31Page - Infineon Technologies AG TC1765T Datasheet HTML 32Page - Infineon Technologies AG TC1765T Datasheet HTML 33Page - Infineon Technologies AG TC1765T Datasheet HTML 34Page - Infineon Technologies AG TC1765T Datasheet HTML 35Page - Infineon Technologies AG TC1765T Datasheet HTML 36Page - Infineon Technologies AG TC1765T Datasheet HTML 37Page - Infineon Technologies AG TC1765T Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
TC1765
Data Sheet
30
V1.2, 2002-12
Preliminary
Analog-to-Digital Converters
The two on-chip ADC modules of the TC1765 are analog to digital converters with 8-bit,
10-bit or 12-bit resolution including sample & hold functionality. The A/D converters
operate by the method of the successive approximation. A multiplexer selects between
up to 16 analog input channels for each ADC module. The 24 analog inputs are switched
to the analog input channels of the ADC modules by a fixed scheme. Conversion
requests are generated either under software control or by hardware (GPTA). An
automatic self-calibration adjusts the ADC modules to changing temperatures or
process variations.
Features:
• 8-bit, 10-bit, 12-bit A/D Conversion
• Successive approximation conversion method
• Fast conversion times: e.g. 10-bit conversion (without sample time): 2.05
µs
• Total Unadjusted Error (TUE) of
±2 LSB @ 10-bit resolution
• Integrated sample and hold functionality
• 24 analog input pins / 16 analog input channels of each ADC module
• Fix assignment of 24 analog input pins to the 32 ADC0/ADC1 input channels
• Dedicated control and status registers for each analog channel
• Flexible conversion request mechanisms
• Selectable reference voltages for each channel
• Programmable sample and conversion timing schemes
• Limit checking
• Flexible ADC module service request control unit
• Synchronization of the two on-chip A/D Converters
• Automatic control of an external analog input multiplexer for ADC0
• Equidistant samples initiated by timer
• Two trigger inputs, connected with the General Purpose Timer Array (GPTA)
• Two external trigger input pins of each ADC for generating conversion requests
• Power reduction and clock control feature
Figure 10 shows a global view of the ADC module kernel with the module specific
interface connections.
The ADC modules communicate with the external world via five (ADC0) or two (ADC0)
digital I/O lines and sixteen analog inputs. Clock control, address decoding, digital I/O
port control, and service request generation is managed outside the ADC module kernel.
The end of a conversion is indicated for each channel n (n = 0-15) by a pulse on the
output signals SRCHn. These signals can be used to trigger a DMA transfer to read the
conversion result automatically. Two trigger inputs and a synchronization bridge are
used for internal control purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com