| Electronic Components Datasheet Search |
|
TC1765T Datasheet(PDF) 29 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1765T Datasheet(HTML) 29 Page - Infineon Technologies AG |
|
29 / 88 page ![]() TC1765 Data Sheet 25 V1.2, 2002-12 Preliminary Timer Units The TC1765 includes two timer units: – General Purpose Timer Unit (GPTU) – General Purpose Timer Array (GPTA) General Purpose Timer Unit Figure 8 shows a global view of the General Purpose Timer Unit (GPTU) module. Figure 8 General Block Diagram of the GPTU Interface The GPTU consists of three 32-bit timers designed to solve such application tasks as event timing, event counting, and event recording. The GPTU communicates with the external world via eight inputs and eight outputs located at Port 0. The I/O has three timers (T0, T1, and T2) can operate independently from each other, or can be combined. General Features: • All timers are 32-bit precision timers with a maximum input frequency of fGPTU. • Events generated in T0 or T1 can be used to trigger actions in T2. • Timer overflow or underflow in T2 can be used to clock either T0 or T1. • T0 and T1 can be concatenated to form one 64-bit timer. M C B 05052 Clo ck Co ntro l Ad dre ss De co de r In terru pt Co ntro l SR 1 SR 2 f GP T U SR 3 SR 0 GP T U Mo du le (K ern el) Port Co ntro l P 0.1 / G P T 1 SR 7 SR 6 SR 5 SR 4 IN 1 IN 2 IN 3 IN 0 IN 7 IN 6 IN 5 IN 4 OU T 0 OU T 1 OU T 2 OU T 3 OU T 4 OU T 5 OU T 6 OU T 7 IO 1 Not Con ne cted IO 7 IO 0 P 0.0 / G P T 0 IO 2 P 0.2 / G P T 2 IO 3 P 0.3 / G P T 3 P 0.4 / G P T 4 IO 4 IO 5 P 0.5 / G P T 5 IO 6 P 0.6 / G P T 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |