Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 44Page - Infineon Technologies AG TC1765T Datasheet HTML 45Page - Infineon Technologies AG TC1765T Datasheet HTML 46Page - Infineon Technologies AG TC1765T Datasheet HTML 47Page - Infineon Technologies AG TC1765T Datasheet HTML 48Page - Infineon Technologies AG TC1765T Datasheet HTML 49Page - Infineon Technologies AG TC1765T Datasheet HTML 50Page - Infineon Technologies AG TC1765T Datasheet HTML 51Page - Infineon Technologies AG TC1765T Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
TC1765
Data Sheet
44
V1.2, 2002-12
Preliminary
• Important debugging support is provided through the reset prewarning operation by
first issuing an NMI to the CPU before finally resetting the device after a certain period
of time.
System Control Unit
The System Control Unit (SCU) of the TC1765 handles the system control tasks. All
these system functions are tightly coupled, thus, they are conveniently handled by one
unit, the SCU. The system tasks of the SCU are:
• Reset Control
– Generation of all internal reset signals
– Generation of external HDRST reset signal
• PLL Control
– PLL_CLC Clock Control Register
• Power Management Control
– Enabling of several power-down modes
– Control of the PLL in power-down modes
• Watchdog Timer
• Trace Control and Trace Status indication
• Pull-up/pull-down I/O control
• Device Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com