Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 80Page - Infineon Technologies AG TC1765T Datasheet HTML 81Page - Infineon Technologies AG TC1765T Datasheet HTML 82Page - Infineon Technologies AG TC1765T Datasheet HTML 83Page - Infineon Technologies AG TC1765T Datasheet HTML 84Page - Infineon Technologies AG TC1765T Datasheet HTML 85Page - Infineon Technologies AG TC1765T Datasheet HTML 86Page - Infineon Technologies AG TC1765T Datasheet HTML 87Page - Infineon Technologies AG TC1765T Datasheet HTML 88Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
TC1765
Data Sheet
81
V1.2, 2002-12
Preliminary
Trace Port Timing (TC1765T only)
This timing is applicable for TP[15:0] when CPU or DMA trace mode is enabled
(SCU_CON.ETEN = 1).
VSS = 0 V; VDD = 2.30 to 2.75 V; TA = -40 °C to +125 °C; CL = 50 pF;
Figure 34
Trace Port Timing
Parameter
Symbol
Limit Values
Unit
min.
max.
TP[15:0] and BRKOUT high/low from
CPUCLK
t55
CC
0
8
ns
MCT05233
CPUCLK
t
55
TP[15:0]
BRKOUT
Old State
New State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com