Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 4Page - Infineon Technologies AG TC1765T Datasheet HTML 5Page - Infineon Technologies AG TC1765T Datasheet HTML 6Page - Infineon Technologies AG TC1765T Datasheet HTML 7Page - Infineon Technologies AG TC1765T Datasheet HTML 8Page - Infineon Technologies AG TC1765T Datasheet HTML 9Page - Infineon Technologies AG TC1765T Datasheet HTML 10Page - Infineon Technologies AG TC1765T Datasheet HTML 11Page - Infineon Technologies AG TC1765T Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
TC1765
Data Sheet
4
V1.2, 2002-12
Preliminary
Logic Symbol
Figure 2
TC1765 Logic Symbol
M C A 04973
A lte rn ate F u nc tio ns
BYP ASS
NM I
PO RS T
H DRS T
TE S T M O D E
Ge ne ra l
Co ntro l
V
SSM
V
DD M
A D C A n alog
Powe r Sup ply
V
SSO SC
V
DDO S C
XT A L2
XT A L1
O scilla tor
CP UC L K
TM S
TD O
TD I
TC K
JT A G / O C D S
T P [15 :0]
BR KO UT
BR KIN
OC D S E
TR S T
(T C 1 7 65T only)
V
SS
V
DD
10
23
Dig ita l Circ uitry
P ow er S upply
V
DD P
5
V
DD RA M
V
D D SBR AM
TC 1765T
TC 1765N
V
AR EF 1
V
AG N D 1
V
DD A 1
V
SSA 1
AD C1 An alog
Po we r Su pp ly
V
AR EF 0
V
AG N D 0
V
DD A 0
V
SSA 0
AD C0 An alog
Po we r Su pp ly
AN [2 3:0 ]
AD C
A n alog Inp uts
Po rt 0
16 -B it
Po rt 1
16 -B it
Po rt 2
16 -B it
Po rt 4
8-B it
Po rt 5
5-B it
Po rt 3
16 -B it
GP T A
GP T A /
CF G
ASC 1
SSC 1
D[3 1:0 ]
A[23 :0]
Ch ip
Se le ct
Exte rna l
B u s Inte rfa ce
5
10
Co ntro l
EC IN
EC O U T
G P T U / A S C 0 /
SSC 0 / C A N /
AD C0 / A D C 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com