Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 60Page - Infineon Technologies AG TC1765T Datasheet HTML 61Page - Infineon Technologies AG TC1765T Datasheet HTML 62Page - Infineon Technologies AG TC1765T Datasheet HTML 63Page - Infineon Technologies AG TC1765T Datasheet HTML 64Page - Infineon Technologies AG TC1765T Datasheet HTML 65Page - Infineon Technologies AG TC1765T Datasheet HTML 66Page - Infineon Technologies AG TC1765T Datasheet HTML 67Page - Infineon Technologies AG TC1765T Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
TC1765
Data Sheet
60
V1.2, 2002-12
Preliminary
DC Characteristics
Input/Output DC-Characteristics
VSS = 0 V; TA = -40 °C to +125 °C;
Parameter1)
Symbol
Limit Values
Unit
Test Conditions
min.
max.
Class A Pins (
VDDP = 3.0 to 5.25 V)
Output low voltage2)
VOL CC –
0.45
V
IOL = 2.4 mA
3)
IOL = 600 µA
4)
VDDP = 4.5 to 5.25 V
0.2
×
VDDP
V
IOL = 2.4 mA
IOL = 600 µA
4)
VDDP = 3.0 to 4.49 V
Output high voltage2)
VOH CC 0.7 ×
VDDP
–V
IOH = -2.4 mA
IOH = -600 µA
4)
VDDP = 4.5 to 5.25 V
V
IOH = -2.4 mA
IOH = -600 µA
4)
VDDP = 3.0 to 4.49 V
Input low voltage5)
VIL
SR
-0.5
0.8
V
VDDP = 4.5 to 5.25 V
(TTL)
0.45
×
VDDP
V
VDDP = 4.5 to 5.25 V
(CMOS)
0.2
×
VDDP
V
VDDP = 3.0 to 4.49 V
(CMOS)
Input high voltage5)
VIH
SR
2.0
VDDP
+0.5
V
VDDP = 4.5 to 5.25 V
(TTL)
0.73
×
VDDP
V
VDDP = 3.0 to 5.25 V
(CMOS)
Pull-up current6)7)
|
IPUH| CC –
10
µA
VOUT = VDDP - 0.02 V
|
IPUL| CC 120
600
µA
VOUT = 0.5 × VDDP
Pull-down current8)7)
|
IPDL| CC –
10
µA
VOUT = 0.02 V
|
IPDH| CC 120
700
µA
VOUT = 0.5 × VDDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com