Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 40Page - Infineon Technologies AG TC1765T Datasheet HTML 41Page - Infineon Technologies AG TC1765T Datasheet HTML 42Page - Infineon Technologies AG TC1765T Datasheet HTML 43Page - Infineon Technologies AG TC1765T Datasheet HTML 44Page - Infineon Technologies AG TC1765T Datasheet HTML 45Page - Infineon Technologies AG TC1765T Datasheet HTML 46Page - Infineon Technologies AG TC1765T Datasheet HTML 47Page - Infineon Technologies AG TC1765T Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
TC1765
Data Sheet
40
V1.2, 2002-12
Preliminary
DMA Controller
The Direct Memory Access (DMA) Controller executes DMA transactions from a source
address location to a destination address location, without intervention of the CPU. One
DMA transaction is controlled by one DMA channel.
Each of the two blocks in the DMA controller, block 0 and block 1 (see Figure 12),
provides four DMA channels with sixteen DMA request inputs. The request assignment
unit in each sub-block assigns one DMA request input to each DMA channel. The control
unit includes a third request unit dedicated especially for request control through I/O
pins. This unit connects two of eight request inputs with two request outputs which can
be then wired externally of the DMA controller module to the request inputs of the two
DMA controller blocks. Request assignment unit 2 evaluates pulses or levels by its edge
detect and level select logic.
Features:
• 8 independent DMA channels (4 per DMA block)
– 4 DMA selectable request inputs per DMA channel
– Fixed priority of DMA channels within a DMA block
– Software and hardware DMA request generation
• Support of FPI Bus to FPI Bus DMA transactions
• Individually programmable operation modes for each DMA channel
– Single mode: stops and disables DMA channel after a predefined number of DMA
transfers
– Continuous mode: DMA channel remains enabled after a predefined number of
DMA transfers; DMA transaction can be repeated
• Full 32-bit addressing capability of each DMA channel
– 4 Gbyte address range
– Source and destination transfer individually programmable in steps from 0 to
255 bytes
– Support of circular buffer addressing mode
• Programmable data width of a DMA transaction: 8-bit, 16-bit, or 32-bit
• Register set for each DMA channel
– Source and destination start address register
– Source and destination end address register
– Channel control and status register
– Offset and transfer count register
• Bus bandwidth allocation
• Flexible interrupt generation
Figure 12 shows the TC1765 specific implementation details and interconnections of
the DMA module. The DMA module is further supplied by a separate clock control,
address decoding, interrupt control, port control logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com