Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 69Page - Infineon Technologies AG TC1765T Datasheet HTML 70Page - Infineon Technologies AG TC1765T Datasheet HTML 71Page - Infineon Technologies AG TC1765T Datasheet HTML 72Page - Infineon Technologies AG TC1765T Datasheet HTML 73Page - Infineon Technologies AG TC1765T Datasheet HTML 74Page - Infineon Technologies AG TC1765T Datasheet HTML 75Page - Infineon Technologies AG TC1765T Datasheet HTML 76Page - Infineon Technologies AG TC1765T Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
TC1765
Data Sheet
69
V1.2, 2002-12
Preliminary
Power Supply Current
TA = -40 °C to +125 °C;
Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ.1)
1) Parameters in this column are tested at 25
°C, 40 MHz system clock (if applicable) and nominal V
DD voltages.
max.
Active mode supply current
IDD CC –
–
200
mA
PORST =
VIL
2)3)
2) These parameters are tested at V
DDmax and 40 MHz system clock (bypass mode) with all outputs
disconnected and all inputs at
VIL or VIH.
3) These power supply currents are defined as the sum of all currents at the V
DD power supply lines:
VDD + VDDP + VDDRAM + VDDSBRAM + VDDOSC + VDDM + VDDA0 + VDDA1
–
260
290
mA
Sum of
IDDS
4)3)
4) These power consumption characteristics are measured while running a typical application pattern. The power
consumption of modules can increase or decrease using other application programs. The PLL is inactive
during this measurement.
–7
10
mA
IDD at VDDP
4)
–201
–
mA
IDD at VDD
(Core and EBU)4)
–31
–
mA
IDD at VDDRAM
4)
–214)
1205)
5) This parameter has been evaluated at design characterization using an atypical test pattern that makes
extensive usage of the DMU memory.
mA
IDD at VDDSBRAM
–0.1
–
mA
IDD at VDDAx
4)
Idle mode supply current
IID
CC –
123
–
mA
PORST =
VIH
2)6)7)
6) All peripherals are enabled and in idle state.
7) Guaranteed by design characterization.
Sleep mode supply current
ISL
CC –
50
–
mA
PORST =
VIH
2)7)
Deep sleep mode supply
current
IDS
CC –
5
900
µAPORST = V
IH
8)
8) This is the sum of all 2.5 V power supply currents.
–1
4.4
mA
PORST =
VIH
9)
9) This is the sum of all 5 V power supply currents.
Stand-by pin power supply
current
ISB
CC –
1
250
µA
IDD at VDDSBRAM
10)
10) TC1765 in deep sleep mode.
–
1
200
µA
11)
11) All other V
DD pins are at 0 V; TJ = 150 °C; VDDSBRAM = 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com