Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 28Page - Infineon Technologies AG TC1765T Datasheet HTML 29Page - Infineon Technologies AG TC1765T Datasheet HTML 30Page - Infineon Technologies AG TC1765T Datasheet HTML 31Page - Infineon Technologies AG TC1765T Datasheet HTML 32Page - Infineon Technologies AG TC1765T Datasheet HTML 33Page - Infineon Technologies AG TC1765T Datasheet HTML 34Page - Infineon Technologies AG TC1765T Datasheet HTML 35Page - Infineon Technologies AG TC1765T Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
TC1765
Data Sheet
28
V1.2, 2002-12
Preliminary
The General Purpose Timer Array (GPTA) provides a set of hardware modules required
for high speed digital signal processing:
• Filter and Prescaler Cells (FPC) support input noise filtering and prescaler operation.
• Phase Discrimination Logic units (PDL) decode the direction information output by a
rotation tracking system.
• Duty Cycle Measurement Cells (DCM) provide pulse width measurement capabilities.
• A Digital Phase Locked Loop unit (PLL) generates a programmable number of GPTA
module clock ticks during an input signal’s period.
• Global Timer units (GT) driven by various clock sources are implemented to operate
as a time base for the associated “Global Timer Cells”.
• Global Timer Cells (GTC) can be programmed to capture the contents of a Global
Timer on an event that occurred at an external port pin or at an internal FPC output.
A GTC may be also used to control an external port pin with the result of an internal
compare operation. GTCs can be logically concatenated to provide a common
external port pin with a complex signal waveform.
• Local Timer Cells (LTC) operating in Timer, Capture, or Compare Mode may be also
logically tied together to drive a common external port pin with a complex signal
waveform. LTCs — enabled in Timer Mode or Capture Mode — can be clocked or
triggered by
– A prescaled GPTA module clock,
– An FPC, PDL, DCM, PLL, or GTC output signal line,
– An external port pin.
Some input lines driven by processor I/O pads may be shared by a LTC and a GTC cell
to trigger their programmed operation simultaneously.
The following list summarizes all blocks supported:
Clock Generation Unit:
• Filter and Prescaler Cell (FPC):
– Six independent units
– Three operating modes (Prescaler, Delayed Debounce Filter, Immediate Debounce
Filter)
–
fGPTA down-scaling capability
–
fGPTA/2 maximum input signal frequency in Filter Mode
• Phase Discriminator Logic (PDL):
– Two independent units
– Two operating modes (2 and 3 sensor signals)
–
fGPTA/4 maximum input signal frequency in 2-sensor mode, fGPTA/6 maximum input
signal frequency in 3-sensor mode
• Duty Cycle Measurement (DCM):
– Four independent units
– 0 - 100% margin and time-out handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com