Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 80Page - Infineon Technologies AG TC1765T Datasheet HTML 81Page - Infineon Technologies AG TC1765T Datasheet HTML 82Page - Infineon Technologies AG TC1765T Datasheet HTML 83Page - Infineon Technologies AG TC1765T Datasheet HTML 84Page - Infineon Technologies AG TC1765T Datasheet HTML 85Page - Infineon Technologies AG TC1765T Datasheet HTML 86Page - Infineon Technologies AG TC1765T Datasheet HTML 87Page - Infineon Technologies AG TC1765T Datasheet HTML 88Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
TC1765
Data Sheet
82
V1.2, 2002-12
Preliminary
SSC Master Mode Timing
VSS = 0 V; VDDP = 4.5 to 5.25 V; TA = -40 °C to +125 °C; CL = 50 pF;
Figure 35
SSC Master Mode Timing
Parameter
Symbol
Limit Values
Unit
min.
max.
SCLK / MTSR low/high from ECOUT
1)
1) This parameter is valid for high current mode output driver characteristic and normal timing edge characteristic
(POCON.PECx = 0 and POCON.PDCx = 0) of the corresponding SSC output lines.
t60
CC
–
7ns
MRST setup to SLCK rising/falling edge
t61
SR
182)
2) Guaranteed by design characterization.
–
ns
MRST hold from SLCK rising/falling edge
t62
SR
102)
–
ns
State n
MCT05234
ECOUT
SCLK
t
60
MTSR
t
60
t
61
t
62
Data Valid
State n-1
State n+1
t
ECOUT
t
60
MRST
Note: The timing diagram assumes the highest possible baudrate operation.
(f
SSC = fECOUT, SSCx_CLC.RMC = 1, SSCx_BR.BR_VALUE = 0000H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com