Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 21Page - Infineon Technologies AG TC1765T Datasheet HTML 22Page - Infineon Technologies AG TC1765T Datasheet HTML 23Page - Infineon Technologies AG TC1765T Datasheet HTML 24Page - Infineon Technologies AG TC1765T Datasheet HTML 25Page - Infineon Technologies AG TC1765T Datasheet HTML 26Page - Infineon Technologies AG TC1765T Datasheet HTML 27Page - Infineon Technologies AG TC1765T Datasheet HTML 28Page - Infineon Technologies AG TC1765T Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
TC1765
Data Sheet
21
V1.2, 2002-12
Preliminary
High-Speed Synchronous Serial Interfaces
Figure 6 shows a global view of the functional blocks of the two High-Speed
Synchronous Serial interfaces SSC0 and SSC1.
Figure 6
General Block Diagram of the SSC Interfaces
Each of the SSC modules has three I/O lines, located at Port 0 and Port 5. Each of the
SSC modules is further supplied by separate clock control, interrupt control, address
decoding, and port control logic.
The SSC supports full-duplex and half-duplex serial synchronous communication up to
20 Mbit/s (@ 40 MHz module clock) with receive and transmit FIFO support. The serial
clock signal can be generated by the SSC itself (master mode) or can be received from
an external master (slave mode). Data width, shift direction, clock polarity, and phase are
programmable. This allows communication with SPI-compatible devices. Transmission
M C B 05051
Cloc k
C ontro l
Add res s
Dec od er
Inte rrup t
C ontro l
f
SS C 0
SS C0
M odule
(K e rne l)
Cloc k
C ontro l
Add res s
Dec od er
Inte rrup t
C ontro l
f
SSC 1
SS C1
M odule
(K e rne l)
RX D
TX D
RX D
TX D
Slav e
Ma ste r
RX D
TX D
RX D
TX D
Slav e
Ma ste r
Port 0
Co ntrol
P0.1 0 /
MR S T 0
P0.1 1 /
MT S R 0
P 0.9 /
SC L K 0
Port 5
Co ntrol
P 5.4 /
MT S R 1
P 5.3 /
MR S T 1
P 5.2 /
SC L K 1
EIR
RIR
To D M A
EIR
TIR
RIR
To D M A
TIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com