Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 13Page - Infineon Technologies AG TC1765T Datasheet HTML 14Page - Infineon Technologies AG TC1765T Datasheet HTML 15Page - Infineon Technologies AG TC1765T Datasheet HTML 16Page - Infineon Technologies AG TC1765T Datasheet HTML 17Page - Infineon Technologies AG TC1765T Datasheet HTML 18Page - Infineon Technologies AG TC1765T Datasheet HTML 19Page - Infineon Technologies AG TC1765T Datasheet HTML 20Page - Infineon Technologies AG TC1765T Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
TC1765
Data Sheet
13
V1.2, 2002-12
Preliminary
P5
P5.0
P5.1
P5.2
P5.3
P5.4
D12
B13
B14
C11
A16
I/O
I/O
I
O
I
I/O
I/O
I/O
Port 56)
Port 5 is a 5-bit bidirectional general purpose I/O port which
also serves as input or output for ASC1 and SSC1.
RXD1
ASC1 receiver input/output
DMREQ0C
DMA request input 0C
TXD1
ASC1 transmitter output
DMREQ1C
DMA request input 1C
SCLK1
SSC1 clock input/output
MRST1
SSC1 master receive input /
SSC1 slave transmit output
MTSR1
SSC1 master transmit output /
SSC1 slave receive input
TP
TP.0
TP.1
TP.2
TP.3
TP.4
TP.5
TP.6
TP.7
TP.8
TP.9
TP.10
TP.11
TP.12
TP.13
TP.14
TP.15
G7
G8
H7
H8
L7
L8
M7
M8
M11
M12
L11
L12
H11
H12
G11
G12
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
OCDS-2 Trace Port3)
TP is the OCDS Level 2 Trace Port. The Trace port is only
available in the TC1765T. The TP outputs are tristated during
reset and deep sleep mode.
Trace output 0
Trace output 1
Trace output 2
Trace output 3
Trace output 4
Trace output 5
Trace output 6
Trace output 7
Trace output 8
Trace output 9
Trace output 10
Trace output 11
Trace output 12
Trace output 13
Trace output 14
Trace output 15
TRST7)
R14
I
JTAG Module Reset/Enable Input
A low level at this pin resets and disables the JTAG module.
A high level enables the JTAG module.
TCK7)
T13
I
JTAG Module Clock Input
TDI8)
T14
I
JTAG Module Serial Data Input
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin
In
Out
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com