Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button TC1765T Datasheet HTML 43Page - Infineon Technologies AG TC1765T Datasheet HTML 44Page - Infineon Technologies AG TC1765T Datasheet HTML 45Page - Infineon Technologies AG TC1765T Datasheet HTML 46Page - Infineon Technologies AG TC1765T Datasheet HTML 47Page - Infineon Technologies AG TC1765T Datasheet HTML 48Page - Infineon Technologies AG TC1765T Datasheet HTML 49Page - Infineon Technologies AG TC1765T Datasheet HTML 50Page - Infineon Technologies AG TC1765T Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
TC1765
Data Sheet
43
V1.2, 2002-12
Preliminary
Watchdog Timer
The Watchdog Timer (WDT) provides a highly reliable and secure way to detect and
recover from software or hardware failure. The WDT helps to abort an accidental
malfunction of the TC1765 in a user-specified time period. When enabled, the WDT will
cause the TC1765 system to be reset if the WDT is not serviced within a user-
programmable time period. The CPU must service the WDT within this time interval to
prevent the WDT from causing a TC1765 system reset. Hence, routine service of the
WDT confirms that the system is functioning properly.
In addition to this standard “Watchdog” function, the WDT incorporates the EndInit
feature and monitors its modifications. A system-wide line is connected to the ENDINIT
bit implemented in a WDT control register, serving as an additional write-protection for
critical registers (besides Supervisor Mode protection).
A further enhancement in the TC1765’s Watchdog Timer is its reset prewarning
operation. Instead of immediately resetting the device on the detection of an error, as
known from standard Watchdogs, the WDT first issues an Non-maskable Interrupt (NMI)
to the CPU before finally resetting the device at a specified time period later. This gives
the CPU a chance to save system state to memory for later examination of the cause of
the malfunction, an important aid in debugging.
Features:
• 16-bit Watchdog counter
• Selectable input frequency:
fSYS/256 or fSYS/16384
• 16-bit user-definable reload value for normal Watchdog operation, fixed reload value
for Time-Out and Prewarning Modes
• Incorporation of the ENDINIT bit and monitoring of its modifications
• Sophisticated password access mechanism with fixed and user-definable password
fields
• Proper access always requires two write accesses. The time between the two
accesses is monitored by the WDT and limited.
• Access Error Detection: Invalid password (during first access) or invalid guard bits
(during second access) trigger the Watchdog reset generation.
• Overflow Error Detection: An overflow of the counter triggers the Watchdog reset
generation.
• Watchdog function can be disabled; access protection and ENDINIT monitor function
remain enabled.
• Double Reset Detection: If a Watchdog induced reset occurs twice without a proper
access to its control register in between, a severe system malfunction is assumed and
the TC1765 is held in reset until a power-on reset. This prevents the device from being
periodically reset if, for instance, connection to the external memory has been lost
such that even system initialization could not be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com