Electronic Components Datasheet Search
  English  ▼

X  

TC1765T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TC1765T
Description  32-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1765T Datasheet(HTML) 5 Page - Infineon Technologies AG

  TC1765T Datasheet HTML 1Page - Infineon Technologies AG TC1765T Datasheet HTML 2Page - Infineon Technologies AG TC1765T Datasheet HTML 3Page - Infineon Technologies AG TC1765T Datasheet HTML 4Page - Infineon Technologies AG TC1765T Datasheet HTML 5Page - Infineon Technologies AG TC1765T Datasheet HTML 6Page - Infineon Technologies AG TC1765T Datasheet HTML 7Page - Infineon Technologies AG TC1765T Datasheet HTML 8Page - Infineon Technologies AG TC1765T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Data Sheet
1
V1.2, 2002-12
TC1765
32-Bit Single-Chip Microcontroller
TriCore Family
Preliminary
• High Performance 32-bit TriCore CPU with 4-Stage Pipeline
– 25 ns Instruction Cycle Time at 40 MHz CPU/System Clock
• Dual Issue super-scalar implementation
– Instruction triple issue
• Circular Buffer and bit-reverse addressing modes for DSP algorithms
• Flexible multi-master interrupt system
• Very fast interrupt response time
• Hardware controlled context switch for task switch and interrupts
• 48 Kbytes of on-chip SRAM for data and time critical code
• 8-channel DMA Controller for FPI Bus transactions
• Built-in calibration support
• On-chip Flexible Peripheral Interface Bus (FPI Bus) for interconnections of functional
units
• External Bus Interface Unit (EBU) with dedicated pins used for
– Communication with external data memories and peripheral units
– Instruction fetches from external Burst Flash program memories
• On-Chip Peripheral Units
– General Purpose Timer Array (GPTA) with a powerful set of digital signal filtering
and timer functionality to realize autonomous and complex I/O management
– Multifunctional General Purpose Timer Unit (GPTU) with three 32-bit timer/counters
– Two Asynchronous/Synchronous Serial Channels (ASC0, ASC1) with baudrate
generator, parity, framing and overrun error detection
– Two High Speed Synchronous Serial Channels (SSC0, SSC1) with programmable
data length and shift direction
– TwinCAN Module with two interconnected CAN nodes for high efficiency data
handling via FIFO buffering and gateway data transfer
– Two Analog-to-Digital Converter Units (ADC0, ADC1) with 8-bit, 10-bit, or 12-bit
resolution and 24 analog inputs
– Watchdog Timer and System Timer
• 77 digital general purpose I/O lines and one 24-bit analog port
• On-chip Debug Support
• Power Management System
• Clock Generation Unit with PLL
• Two derivatives with upward compatible pin configuration
– TC1765N
– TC1765T (with additional 16-bit OCDS Level 2 trace port)
• Ambient temperature under bias: -40
°C to +125 °C
• P-LBGA-260 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com