Electronic Components Datasheet Search
  English  ▼

X  

CS8900A Datasheet(PDF) 121 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 121 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 117Page - Cirrus Logic CS8900A Datasheet HTML 118Page - Cirrus Logic CS8900A Datasheet HTML 119Page - Cirrus Logic CS8900A Datasheet HTML 120Page - Cirrus Logic CS8900A Datasheet HTML 121Page - Cirrus Logic CS8900A Datasheet HTML 122Page - Cirrus Logic CS8900A Datasheet HTML 123Page - Cirrus Logic CS8900A Datasheet HTML 124Page - Cirrus Logic CS8900A Datasheet HTML 125Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
DS271PP3
121
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
7.6 AUI WIRING
7.7 QUARTZ CRYSTAL REQUIREMENTS (If a 20 MHz quartz crystal is used, it must meet the
following specifications)
Parameter
Min
Typ
Max
Unit
Parallel Resonant Frequency
-
20
-
MHz
Resonant Frequency Error (CL = 18 pF)
-50
-
+50
ppm
Resonant Frequency Change Over Operating Temperature
-40
-
+40
ppm
Crystal Capacitance
-
-
18
pF
Motional Crystal Capacitance
-
0.022
-
pF
Series Resistance
-
-
50
Ohm
Shunt Capacitance
-
-
7
pF
CS8900A
DO +
DO -
1 : 1
DB15
3
10
Tx
4
1 : 1
5
12
13
6
+12 V
+
CI +
CI -
1 : 1
2
9
39.2
Ω
39.2
Ω
Col
0.01 uF
-
+
DI +
DI -
39.2
Ω
39.2
Ω
Rx
0.01 uF
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com