Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 49Page - Cypress Semiconductor PSOC Datasheet HTML 50Page - Cypress Semiconductor PSOC Datasheet HTML 51Page - Cypress Semiconductor PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor PSOC Datasheet HTML 56Page - Cypress Semiconductor PSOC Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
Digital PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
53
Digital Basic Type A Block 00 Output Register
(DBA00OU, Address = Bank 1, 22h)
Digital Basic Type A Block 01 Output Register
(DBA01OU, Address = Bank 1, 26h)
Digital Basic Type A Block 02 Output Register
(DBA02OU, Address = Bank 1, 2Ah)
Digital Basic Type A Block 03 Output Register
(DBA03OU, Address = Bank 1, 2Eh)
Digital Communications Type A Block 04 Output Register
(DCA04OU, Address = Bank 1, 32h)
Digital Communications Type A Block 05 Output Register
(DCA05OU, Address = Bank 1, 36h)
Digital Communications Type A Block 06 Output Register
(DCA06OU, Address = Bank 1, 3Ah)
Digital Communications Type A Block 07 Output Register
(DCA07OU, Address = Bank 1, 3Eh)
The Primary Output is the source for “Previous Digital PSoC Block” or “Digital Block 03,” selections for the “Clock
Source Select” in the Digital Basic Type A/Communications Type A Block xx Input Register (Table 48 on page 51).
A digital PSoC block may have 0, 1, or 2 outputs depending on its function, as shown in the following table:
Table 50:
Digital Basic Type A / Communications Type A Block xx Output Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Reserved
Reserved
AUX Out
Enable
AUX IO Sel
[1]
AUX IO Sel
[0]
Out
Enable
Out Sel
[1]
Out Sel
[0]
Bit 7
: Reserved
Bit 6
: Reserved
Bit 5
: AUX Out Enable
0 = Disable Auxiliary Output
1 = Enable Auxiliary Output (function dependent)
Bit [4:3]
: AUX IO Sel [1:0] Function-dependent selection of auxiliary input or output
0 0 = Input from Global Input[0] or Drive Global Output[0] (for Digital Blocks 00 to 03) or
Input from Global Input[4] or Drive Global Output [4] (for Digital Blocks 04 to 07)
0 1 = Input from Global Input[1] or Drive Global Output[1] (for Digital Blocks 00 to 03) or
Input from Global Input[5] or Drive Global Output[5] (for Digital Blocks 04 to 07)
1 0 = Input from Global Input[2] or Drive Global Output[2] (for Digital Blocks 00 to 03) or
Input from Global Input[6] or Drive Global Output[6] (for Digital Blocks 04 to 07)
1 1 = Input from Global Input[3] or Drive Global Output[3] (for Digital Blocks 00 to 03) or
Input from Global Input[7] or Drive Global Output[7] (for Digital Blocks 04 to 07)
Bit 2
: Out Enable
0 = Disable Primary Output
1 = Enable Primary Output (function dependant)
Bit [1:0]
: Out Sel [1:0] Primary Output
0 0 = Drive Global Output[0] (for Digital Blocks 00 to 03) or Drive Global Output[4] (for Digital Blocks 04 to 07)
0 1 = Drive Global Output[1] (for Digital Blocks 00 to 03) or Drive Global Output[5] (for Digital Blocks 04 to 07)
1 0 = Drive Global Output[2] (for Digital Blocks 00 to 03) or Drive Global Output[6] (for Digital Blocks 04 to 07)
1 1 = Drive Global Output[3] (for Digital Blocks 00 to 03) or Drive Global Output[7] (for Digital Blocks 04 to 07)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com