Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 67Page - Cypress Semiconductor PSOC Datasheet HTML 68Page - Cypress Semiconductor PSOC Datasheet HTML 69Page - Cypress Semiconductor PSOC Datasheet HTML 70Page - Cypress Semiconductor PSOC Datasheet HTML 71Page - Cypress Semiconductor PSOC Datasheet HTML 72Page - Cypress Semiconductor PSOC Datasheet HTML 73Page - Cypress Semiconductor PSOC Datasheet HTML 74Page - Cypress Semiconductor PSOC Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
71
10.0 Analog PSoC Blocks
10.1 Introduction
PSoC blocks are user configurable system resources.
On-chip analog PSoC blocks reduce the need for many
MCU part types and external peripheral components.
Analog PSoC blocks can be configured to provide a wide
variety of peripheral functions. PSoC Designer Software
Integrated Development Environment provides auto-
mated configuration of PSoC blocks by simply selecting
the desired functions. PSoC Designer then generates
the proper configuration information and can print a
device data sheet unique to that configuration.
Each of the analog blocks has many potential inputs and
several outputs. The inputs to these blocks include ana-
log signals from external sources, intrinsic analog sig-
nals driven from neighboring analog blocks or various
voltage reference sources.
There are three discrete outputs from each analog block
(there are an additional two discrete outputs in the Con-
tinuous Time blocks), 1) the analog output bus (ABUS),
which is an analog bus resource that is shared by all of
the analog blocks in a column, 2) the comparator bus
(CBUS), which is a digital bus resource that is shared by
all of the analog blocks in a column, and 3) the output
bus (OUT, (plus GOUT and LOUT in the Continuous
Time blocks)), which is an analog bus resource that is
shared by all of the analog blocks in a column and con-
nects to one of the analog output buffers, to send a sig-
nal externally to the device. There are also intrinsic
outputs that connect to neighboring analog blocks.
Twelve analog PSoC blocks are available separately or
combined with the digital PSoC blocks. A precision inter-
nal voltage reference provides accurate analog compari-
sons. A temperature sensor input is provided to the
analog PSoC block array supporting applications like
battery chargers and data acquisition without requiring
external components.
There are three analog PSoC block types: Continuous
Time (CT) blocks, and Type A and Type B Switch Capac-
itor (SC) blocks. CT blocks provide continuous time ana-
log functions. SC blocks provide ADC and DAC analog
functions. Currently, supported analog functions are 12-
bit Incremental and 11-bit Delta-Sigma ADC, successive
approximation ADCs up to 6 bits, DACs up to 8 bits, pro-
grammable gain stages, sample and hold circuits, pro-
grammable filters, comparators, and a temperature
sensor.
The analog functionality provided is as follows:
A/D and D/A converters, programmable gain blocks,
comparators, and switched capacitor filters.
Single ended configuration is cost effective for rea-
sonable speed / accuracy, and provides simple
interface to most real-world analog inputs and out-
puts.
Support is provided for sensor interfaces, audio
codes, embedded modems, and general-purpose
op amp circuits.
Flexible, System on-a-Chip programmability, provid-
ing variations in functions.
For a given function, easily selected trade-offs of
accuracy and resolution with speed, resources
(number of analog blocks), and power dissipated for
that application.
The analog section is an “Analog Computation Unit,”
providing programmed steering of signal flow and
selecting functionality through register-based control
of analog switches. It also sets coefficients in
Switched Capacitor Filters and noise shaping
(Delta-Sigma) modulators, as well as programs gain
or attenuation settings in amplifier configurations.
The architecture provides continuous time blocks
and discrete time (Switched Capacitor) blocks. The
continuous time blocks allow selection of precision
amplifier or comparator circuitry using programma-
ble resistors as passive configuration and parameter
setting elements. The Switched Capacitor (SC)
blocks allow configuration of DACs, Delta Sigma,
incremental or Successive Approximation ADCs, or
Switched Capacitor filters with programmable coeffi-
cients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com