Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 64Page - Cypress Semiconductor PSOC Datasheet HTML 65Page - Cypress Semiconductor PSOC Datasheet HTML 66Page - Cypress Semiconductor PSOC Datasheet HTML 67Page - Cypress Semiconductor PSOC Datasheet HTML 68Page - Cypress Semiconductor PSOC Datasheet HTML 69Page - Cypress Semiconductor PSOC Datasheet HTML 70Page - Cypress Semiconductor PSOC Datasheet HTML 71Page - Cypress Semiconductor PSOC Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
68
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
except for TX Reg Empty. TX Reg Empty is auto-
matically cleared when a byte is written to the TX
Data Register (Data Register 1).
3.
Using CPU Interrupts
TX Reg Empty status or optionally TX Complete sta-
tus generates the block interrupt. Executing the
interrupt routine does not automatically clear status.
If TX Complete is selected as the interrupt source,
Control Register 0 (status) must be read in the inter-
rupt routine to clear the status. If TX Reg Empty is
selected, a byte must be written to the TX Data Reg-
ister (Data Register 1) to clear the status. If the sta-
tus is not cleared, further interrupts will be
suppressed.
9.5.8
SPI Master - Serial Peripheral Interface
(SPIM)
9.5.8.1
Summary
The SPI Master function provides a full-duplex synchro-
nous data transceiver that also generates a bit clock for
the data. This function requires a Digital Communica-
tions Type PSoC block. It cannot be chained for longer
data words. This Digital Communications Type PSoC
block supports SPI modes for 0, 1, 2, and 3. See Figure-
Title 15 for waveforms of the Clock Phase modes.
9.5.8.2
Registers
Data Register 0 provides a shift register for both incom-
ing and outgoing data. Output data is written to Data
Register 1 (TX Data Register). When this block is idle, a
write to the TX Data Register will initiate a transmission.
Input data is read from Data Register 2 (RX Data Regis-
ter). When Data Register 0 is empty, its value is updated
from Data Register 1, if new data is available. As data
bits are shifted in, the transmit bits are shifted out. After
the 8 bits are transmitted and received by Data Register
0, the received byte is transferred into Data Register 2
from where it can be read. Simultaneously, the next byte
to transmit, if available, is transferred from Data Register
1 into Data Register 0. Control Register 0 (DCA04CR0-
DCA07CR0) provides status information and configures
the function for one of the four standard modes, which
configure the interface based on clock polarity and
phase with respect to data.
Figure 15: SPI Waveforms
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit7
SS_ (required f or slav e)
Polarity=0, Mode 0
MOSI/MISO
Clock Phase 0 (Mode 0, 1)
Data registered on the leading edge of the clock
Data output on the trailing edge of the clock
Polarity=1, Mode 1
SCLK
SS_ (optional f or slav e)
Polarity=0, Mode 2
MOSI/MISO
Clock Phase 1 (Mode 2, 3)
Data output on the leading edge of the clock
Data registered on the trailing edge of the clock
Polarity=1, Mode 3
SCLK
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com