Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 93 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 93 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 89Page - Cypress Semiconductor PSOC Datasheet HTML 90Page - Cypress Semiconductor PSOC Datasheet HTML 91Page - Cypress Semiconductor PSOC Datasheet HTML 92Page - Cypress Semiconductor PSOC Datasheet HTML 93Page - Cypress Semiconductor PSOC Datasheet HTML 94Page - Cypress Semiconductor PSOC Datasheet HTML 95Page - Cypress Semiconductor PSOC Datasheet HTML 96Page - Cypress Semiconductor PSOC Datasheet HTML 97Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
93
10.10.2
Registers
10.10.2.1
Analog Switch Cap Type B Block xx Control 0 Register
FCap controls the size of the switched feedback capaci-
tor in the integrator.
ClockPhase controls the internal clock phasing relative
to the input clock phasing. ClockPhase affects the output
of the analog column bus which is controlled by the
AnalogBus bit in Control 2 Register (ASB11CR2,
ASB13CR2, ASB20CR2, ASB22CR2).
ASign controls the switch phasing of the switches on the
bottom plate of the A capacitor. The bottom plate sam-
ples the input or the reference.
The ACap bits set the value of the capacitor in the A
path.
Figure 25: Analog Switch Cap Type B PSoC Blocks
φ
1* FSW0
Power
φ
1*BSW
φ
2 +!BSW
BMuxSCB
B Inputs
BQTAP
CCap
0..31 C
BCap
0..31 C
ACap
0..31 C
FCap
16,32 C
φ
1*AutoZero
(φ
2+!AutoZero)
* FSW1
φ
2+AutoZero
φ
1*BSW
φ
2+!BSW
ABUS
CBUS
AnalogBus*
φ
2B
CompBus
OUT
φ
1 *
!AutoZero
φ
2
φ
1
A Inputs
ASign
ARefMux
REFHI
REFLO
AGND
A Mux
Table 72:
Analog Switch Cap Type B Block xx Control 0 Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
FCap
ClockPhase
ASign
ACap[4]
ACap[3]
ACap[2]
ACap[1]
ACap[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com