Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 50Page - Cypress Semiconductor PSOC Datasheet HTML 51Page - Cypress Semiconductor PSOC Datasheet HTML 52Page - Cypress Semiconductor PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor PSOC Datasheet HTML 56Page - Cypress Semiconductor PSOC Datasheet HTML 57Page - Cypress Semiconductor PSOC Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
54
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
9.3
Digital PSoC Block Bank 0 Registers
There are four user registers within each digital PSoC
block: three data registers, and one status/control regis-
ter. The three data registers are DR0, which is a shifter/
counter, and DR1 and DR2 registers, which contain data
used during the operation. The status/control register
(CR0) contains an enable bit that is used for all configu-
rations. In addition, it contains function-specific status
and control, which is outlined below.
9.3.1
Digital Basic Type A / Communications Type A Block xx Data Register 0,1,2
Digital Basic Type A Block 00 Data Register 0
(DBA00DR0, Address = Bank 0, 20h)
Digital Basic Type A Block 00 Data Register 1
(DBA00DR1, Address = Bank 0, 21h)
Digital Basic Type A Block 00 Data Register 2
(DBA00DR2, Address = Bank 0, 22h)
Digital Basic Type A Block 01 Data Register 0
(DBA01DR0, Address = Bank 0, 24h)
Digital Basic Type A Block 01 Data Register 1
(DBA01DR1, Address = Bank 0, 25h)
Digital Basic Type A Block 01 Data Register 2
(DBA01DR2, Address = Bank 0, 26h)
Digital Basic Type A Block 02 Data Register 0
(DBA02DR0, Address = Bank 0, 28h)
Digital Basic Type A Block 02 Data Register 1
(DBA02DR1, Address = Bank 0, 29h)
Digital Basic Type A Block 02 Data Register 2
(DBA02DR2, Address = Bank 0, 2Ah)
Digital Basic Type A Block 03 Data Register 0
(DBA03DR0, Address = Bank 0, 2Ch)
Digital Basic Type A Block 03 Data Register 1
(DBA03DR1, Address = Bank 0, 2Dh)
Digital Basic Type A Block 03 Data Register 2
(DBA03DR2, Address = Bank 0, 2Eh)
Digital Communications Type A Block 04 Data Register 0
(DCA04DR0, Address = Bank 0, 30h)
Digital Communications Type A Block 04 Data Register 1
(DCA04DR1, Address = Bank 0, 31h)
Digital Communications Type A Block 04 Data Register 2
(DCA04DR2, Address = Bank 0, 32h)
Digital Communications Type A Block 05 Data Register 0
(DCA05DR0, Address = Bank 0, 34h)
Digital Communications Type A Block 05 Data Register 1
(DCA05DR1, Address = Bank 0, 35h)
Digital Communications Type A Block 05 Data Register 2
(DCA05DR2, Address = Bank 0, 36h)
Digital Communications Type A Block 06 Data Register 0
(DCA06DR0, Address = Bank 0, 38h)
Digital Communications Type A Block 06 Data Register 1
(DCA06DR1, Address = Bank 0, 39h)
Table 51:
Digital Function Outputs
Function
Primary Output
Auxiliary Output
Auxiliary Input
Timer
Terminal Count
Compare True
N/A
Counter
Compare True
Terminal Count
N/A
CRC
N/A
Compare True
N/A
PRS
Serial Data
Compare True
N/A
Deadband
F0
F1
N/A
TX UART
TX Data Out
N/A
N/A
RX UART
N/A
N/A
N/A
SPI Master
MOSI
SCLK
N/A
SPI Slave
MISO
N/A
SS_
Table 52:
Digital Basic Type A / Communications Type A Block xx Data Register 0,1,2
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/Write
VF1
1.
Varies by function/User Module selection. (See Table 53 on page 55.)
VF1
VF1
VF1
VF1
VF1
VF1
VF1
Bit Name
Data [7]
Data [6]
Data [5]
Data [4]
Data [3]
Data [2]
Data [1]
Data [0]
Bit [7:0]
: Data [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com