Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 65Page - Cypress Semiconductor PSOC Datasheet HTML 66Page - Cypress Semiconductor PSOC Datasheet HTML 67Page - Cypress Semiconductor PSOC Datasheet HTML 68Page - Cypress Semiconductor PSOC Datasheet HTML 69Page - Cypress Semiconductor PSOC Datasheet HTML 70Page - Cypress Semiconductor PSOC Datasheet HTML 71Page - Cypress Semiconductor PSOC Datasheet HTML 72Page - Cypress Semiconductor PSOC Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 148 page
background image
Digital PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
69
If the SPI Master block is being used to receive data,
“dummy” bytes must be written to the TX Data Register
in order to initiate transmission/reception of each byte.
9.5.8.3
Inputs
MISO (master-in, slave-out) is selected by the input mul-
tiplexer. The clock input multiplexer selects a clock that
runs at twice the desired data rate. The SPIM function
divides the input clock by 2 to obtain the 50% duty-cycle
required for proper timing. The input multiplexer is con-
trolled by the PSoC block Input Register (DCA04IN-
DCA07IN).
9.5.8.4
Outputs
There are two outputs, both of which can be enabled
onto the Global Output bus. The MOSI (master-out,
slave-in) data line provides the output serial data. The
second output is the bit-clock derived by dividing the
input clock by 2 to ensure a 50% duty-cycle. The PSoC
block Output Register (DCA04OU-DCA07OU) controls
output options.
Note
: The SPIM function does not provide the SS_ sig-
nal that may be used by a corresponding SPI Slave.
However, this can be implemented with a GPIO pin and
supporting firmware if desired.
9.5.8.5
Interrupts
When enabled, the function generates an interrupt on TX
Reg Empty status (Data Register 1 empty). If Mode[1] in
the Function Register is set, the SPI Master will generate
an interrupt on SPI Complete.
9.5.8.6
Usage Notes
1.
Reading the Status
Reading Control Register 0, which contains the sta-
tus bits, automatically resets the status bits to 0 with
the exception of TX Reg Empty, which is cleared
when a byte is written to the TX Data Register (Data
Register 1), and the RX Reg Full, which is cleared
when a byte is read from the RX Data Register
(Data Register 2).
2.
Using Interrupts
TX Reg Empty status or optionally SPI Complete
status generates the block interrupt. Executing the
interrupt routine does not automatically clear status.
If SPI Complete is selected as the interrupt source,
Control Register 0 (status) must be read in the inter-
rupt routine to clear the status. If TX Reg Empty sta-
tus is selected, a byte must be written to the TX
Data Register (Data Register 1) to clear the status. If
the interrupting status is not cleared further inter-
rupts will be suppressed.
9.5.9
SPI Slave - Serial Peripheral Interface
(SPIS)
9.5.9.1
Summary
The SPI Slave function provides a full-duplex bi-direc-
tional synchronous data transceiver that requires an
externally provided bit clock for the data. This function
requires a Digital Communications Type PSoC block. It
cannot be chained for longer data words. This Digital
Communications Type PSoC block supports SPI modes
for 0, 1, 2, and 3. See FigureTitle 15 for waveforms of the
supported modes.
9.5.9.2
Registers
Data Register 0 provides a shift register for both incom-
ing and outgoing data. Output data is written to Data
Register 1 (TX Data Register). Input data is read from
Data Register 2 (RX Data Register). When Data Register
0 is empty, its value is updated from Data Register 1. As
new data bits are shifted in, the transmit bits are shifted
out. After the 8 bits are transmitted and received by Data
Register 0, the received byte is transferred into Data
Register 2 from which it can be read. Simultaneously, the
next byte to transmit, if available, is transferred from
Data Register 1 into Data Register 0. Control Register 0
(DCA04CR0-DCA07CR0) provides status information
and configures the function for one of the four standard
modes, which configure the interface based on clock
polarity and phase with respect to data.
9.5.9.3
Inputs
The SPIS function has three inputs. The Input Register
(DCA04IN-DCA07IN) controls the input multiplexer,
which selects the MOSI data stream. It also controls the
clock selection multiplexer from which the function
obtains the master’s bit clock. The AUX-IO bits of the
Output Register (DCA04OU-DCA07OU) select a Global
Input signal from which the SS_ (Slave Select) signal is
obtained. It is important to note that the SS_ signal can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com